Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1870 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1870
Description  Step-Up/Step-Down Li Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1870 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1870 Datasheet HTML 1Page - Maxim Integrated Products MAX1870 Datasheet HTML 2Page - Maxim Integrated Products MAX1870 Datasheet HTML 3Page - Maxim Integrated Products MAX1870 Datasheet HTML 4Page - Maxim Integrated Products MAX1870 Datasheet HTML 5Page - Maxim Integrated Products MAX1870 Datasheet HTML 6Page - Maxim Integrated Products MAX1870 Datasheet HTML 7Page - Maxim Integrated Products MAX1870 Datasheet HTML 8Page - Maxim Integrated Products MAX1870 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
General Description
The MAX1870A step-up/step-down multichemistry bat-
tery charger charges with battery voltages above and
below the adapter voltage. This highly integrated
charger requires a minimum number of external compo-
nents. The MAX1870A uses a proprietary step-up/step-
down control scheme that provides efficient charging.
Analog inputs control charge current and voltage, and
can be programmed by the host or hardwired.
The MAX1870A accurately charges two to four lithium-
ion (Li+) series cells at greater than 4A. A programma-
ble input current limit is included, which avoids
overloading the AC adapter when supplying the load
and the battery charger simultaneously. This reduces
the maximum adapter current, which reduces cost. The
MAX1870A provides analog outputs to monitor the cur-
rent drawn from the AC adapter and charge current. A
digital output indicates the presence of an AC adapter.
When the adapter is removed, the MAX1870A con-
sumes less than 1µA from the battery.
The MAX1870A is available in a 32-pin thin QFN (5mm
x 5mm) package and is specified over the -40
°C to
+85
°C extended temperature range. The MAX1870A
evaluation kit (MAX1870AEVKIT) is available to help
reduce design time.
Applications
Notebook and Subnotebook Computers
Handheld Terminals
Features
♦ Step-Up/Step-Down Control Scheme
♦ ±0.5% Charge-Voltage Accuracy
♦ ±9% Charge-Current Accuracy
♦ ±8% Input Current-Limit Accuracy
♦ Programmable Maximum Battery Charge Current
♦ Analog Inputs Control Charge Current, Charge
Voltage, and Input Current Limit
♦ Analog Output Indicates Adapter Current
♦ Input Voltage from 8V to 28V
♦ Battery Voltage from 0 to 17.6V
♦ Charges Li+ or NiCd/NiMH Batteries
♦ Tiny 32-Pin Thin QFN (5mm x 5mm) Package
Step-Up/Step-Down
Li+ Battery Charger
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
MAX1870A
REFIN
DCIN
CSSP
CSSN
DHI
DBST
CSIP
CSIN
BATT
SHDN
ASNS
VCTL
IINP
PGND
SYSTEM
LOAD
N
P
GND
ICTL
CLS
CELLS
FROM WALL ADAPTER
CSSS
VHN
VHP
BLKP
REF
LDO
DLOV
Typical Operating Circuit
19-3243; Rev 1; 9/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Pin Configuration appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX1870AETJ
-40°C to +85°C
32 Thin QFN
MAX1870AETJ+
-40°C to +85°C
32 Thin QFN
+Denotes lead-free package.


Similar Part No. - MAX1870

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 32P
   Step-Up/Step-Down Li Battery Charger
Rev 0; 4/04
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 33P
   Step-Up/Step-Down Li Battery Charger
2015
MAX1870AETJ MAXIM-MAX1870AETJ Datasheet
1Mb / 32P
   Step-Up/Step-Down Li Battery Charger
Rev 0; 4/04
MAX1870AETJ MAXIM-MAX1870AETJ Datasheet
1Mb / 33P
   Step-Up/Step-Down Li Battery Charger
2015
MAX1870AETJ++ MAXIM-MAX1870AETJ+ Datasheet
1Mb / 33P
   Step-Up/Step-Down Li Battery Charger
2015
More results

Similar Description - MAX1870

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 33P
   Step-Up/Step-Down Li Battery Charger
2015
MAX1870AETJ MAXIM-MAX1870AETJ Datasheet
1Mb / 32P
   Step-Up/Step-Down Li Battery Charger
Rev 0; 4/04
MAX17703 MAXIM-MAX17703 Datasheet
1Mb / 33P
   4.5V to 60V, Synchronous Step-Down Li-Ion Battery Charger Controller
Rev 0; 4/21
logo
Linear Technology
LTC4121 LINER-LTC4121 Datasheet
379Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
LTC4121 LINER-LTC4121_15 Datasheet
350Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
LTC4121-4.2 LINER-LTC4121-4.2_15 Datasheet
350Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
logo
Shanghai Consonance Ele...
CN3300 CONSONANCE-CN3300 Datasheet
206Kb / 9P
   PFM Step-up Battery Charger Controller IC
CN3306 CONSONANCE-CN3306 Datasheet
362Kb / 14P
   Step-up Multi-Chemistry Battery Charger IC
logo
Shenzhen Huazhimei Semi...
HM4033 HMSEMI-HM4033 Datasheet
396Kb / 9P
   PFM Step-up Battery Charger Controller IC
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com