Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6041AEUR-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6041AEUR-T
Description  Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6041AEUR-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6041AEUR-T Datasheet HTML 5Page - Maxim Integrated Products MAX6041AEUR-T Datasheet HTML 6Page - Maxim Integrated Products MAX6041AEUR-T Datasheet HTML 7Page - Maxim Integrated Products MAX6041AEUR-T Datasheet HTML 8Page - Maxim Integrated Products MAX6041AEUR-T Datasheet HTML 9Page - Maxim Integrated Products MAX6041AEUR-T Datasheet HTML 10Page - Maxim Integrated Products MAX6041AEUR-T Datasheet HTML 11Page - Maxim Integrated Products MAX6041AEUR-T Datasheet HTML 12Page - Maxim Integrated Products MAX6041AEUR-T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Precision, Low-Power, Low-Dropout,
SOT23-3 Voltage References
_______________________________________________________________________________________
9
Typical Operating Characteristics
(VIN = +5V for MAX6012/21/25/30/41/45, VIN = +5.5V for MAX6050; IOUT = 0; TA = +25°C; unless otherwise noted.) (Note 6)
1.2470
1.2480
1.2475
1.2490
1.2485
1.2505
1.2500
1.2495
1.2510
-40
0
-20
20406080
100
MAX6012
OUTPUT VOLTAGE
TEMPERATURE DRIFT
TEMPERATURE DRIFT (°C)
THREE
TYPICAL PARTS
4.986
4.990
4.988
4.996
4.994
4.992
5.002
5.000
4.998
5.004
-40
0
20
-20
40
60
80
100
MAX6050
OUTPUT VOLTAGE
TEMPERATURE DRIFT
TEMPERATURE DRIFT (°C)
THREE
TYPICAL PARTS
4.993
4.995
4.994
4.999
4.998
4.997
4.996
5.002
5.001
5.000
5.003
0300 400 500
100 200
600 700 800 900 1000
MAX6050
LONG-TERM DRIFT
TIME (h)
THREE
TYPICAL PARTS
-100
0
200
100
300
400
26
4
8
10
12
14
MAX6012
LINE REGULATION
INPUT VOLTAGE (V)
TA = +85°C
TA = -40°C
TA = +25°C
-0.4
-0.2
0
0.2
0.4
-500
-250
0
250
-375
-125
125
375
500
MAX6012
LOAD REGULATION
LOAD CURRENT (
µA)
TA = +85°C
TA = -40°C
TA = +25°C
-200
0
400
200
600
800
579
11
13
MAX6050
LINE REGULATION
INPUT VOLTAGE (V)
TA = +85°C
TA = -40°C
TA = +25°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
200
400
600
800
1000
MAX6025/MAX6030
DROPOUT VOLTAGE vs.
SOURCE CURRENT
SOURCE CURRENT (
µA)
TA = +85°C
TA = -40°C
TA = +25°C
-0.400
-0.200
0
0.200
0.400
-500
-250
0
250
-375
-125
125
375
500
MAX6050
LOAD REGULATION
LOAD CURRENT (
µA)
TA = +85°C
TA = -40°C
TA = +25°C
0
0.10
0.05
0.20
0.15
0.25
0.30
0400
200
600
800
1000
MAX6041/MAX6045/MAX6050
DROPOUT VOLTAGE vs.
SOURCE CURRENT
SOURCE CURRENT (
µA)
TA = +85
°C
TA = -40
°C
TA = +25
°C


Similar Part No. - MAX6041AEUR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6041AEUR-T MAXIM-MAX6041AEUR-T Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
More results

Similar Description - MAX6041AEUR-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
   Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6125 MAXIM-MAX6125 Datasheet
84Kb / 8P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com