Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS18S20Z Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS18S20Z
Description  High Precision 1-Wire Digital Thermometer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18S20Z Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS18S20Z Datasheet HTML 4Page - Dallas Semiconductor DS18S20Z Datasheet HTML 5Page - Dallas Semiconductor DS18S20Z Datasheet HTML 6Page - Dallas Semiconductor DS18S20Z Datasheet HTML 7Page - Dallas Semiconductor DS18S20Z Datasheet HTML 8Page - Dallas Semiconductor DS18S20Z Datasheet HTML 9Page - Dallas Semiconductor DS18S20Z Datasheet HTML 10Page - Dallas Semiconductor DS18S20Z Datasheet HTML 11Page - Dallas Semiconductor DS18S20Z Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
DS18S20
8 of 27
1-WIRE CRC CODE Figure 6
MEMORY
The DS18S20’s memory is organized as shown in Figure 7. The memory consists of a scratchpad RAM
and a nonvolatile, electrically erasable (E
2) RAM, which stores the high and low temperature triggers, TH
and TL. The scratchpad helps insure data integrity when communicating over the 1–Wire bus. Data is
first written to the scratchpad where it can be read back.
After the data has been verified, a copy
scratchpad command will transfer the data to the nonvolatile (E
2) RAM. This process insures data
integrity when modifying the memory. The DS18S20 EEPROM is rated for a minimum of 50,000 writes
and 10 years data retention at T = +55°C.
The scratchpad is organized as 8 bytes of memory. The first 2-bytes contain the measured temperature
information. The third and fourth bytes are volatile copies of TH and TL and are refreshed with every
power–on reset. The next 2 bytes are not used; upon reading back, however, they will appear as all logic
“1s”.
The seventh and eighth bytes are count registers, which may be used in obtaining higher
temperature resolution (see “Operation–measuring Temperature” section). There is a ninth byte which
may be read with a Read Scratchpad command. This byte contains a cyclic redundancy check (CRC)
byte which is the CRC over all of the 8 previous bytes.
This CRC is implemented in the fashion
described in the section titled “CRC Generation."
DS18S20 MEMORY MAP Figure 7
TEMPERATURE LSB
TEMPERATURE MSB
TH/USER BYTE 1
TL/USER BYTE 2
RESERVED
COUNT REMAIN
COUNT PER °C
CRC
TH/USER BYTE 1
TL/USER BYTE 2
RESERVED
SCRATCHPAD
BYTE
0
1
2
3
4
5
6
7
8
E
2 RAM
(MSB)
(LSB)
XOR
XOR
XOR
INPUT


Similar Part No. - DS18S20Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18S20Z MAXIM-DS18S20Z Datasheet
486Kb / 21P
   High-Precision 1-Wire Digital Thermometer
2015
DS18S20Z++ MAXIM-DS18S20Z+ Datasheet
486Kb / 21P
   High-Precision 1-Wire Digital Thermometer
2015
DS18S20Z+T&R MAXIM-DS18S20Z+T&R Datasheet
486Kb / 21P
   High-Precision 1-Wire Digital Thermometer
2015
DS18S20Z/T&R MAXIM-DS18S20Z/T&R Datasheet
486Kb / 21P
   High-Precision 1-Wire Digital Thermometer
2015
More results

Similar Description - DS18S20Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18S20 MAXIM-DS18S20_V01 Datasheet
486Kb / 21P
   High-Precision 1-Wire Digital Thermometer
2015
DS18S20 MAXIM-DS18S20 Datasheet
317Kb / 23P
   High-Precision 1-Wire Digital Thermometer
Rev 8/10
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
   Flipchip 1-Wire Digital Thermometer
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
   High-Precision 3-Wire Digital Thermometer and Thermostat
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
   Econo 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
   Econo 1-Wire Digital Thermometer
2015
DS1822 MAXIM-DS1822 Datasheet
222Kb / 21P
   Econo 1-Wire Digital Thermometer
101107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com