Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6012 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6012
Description  Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6012 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6012 Datasheet HTML 6Page - Maxim Integrated Products MAX6012 Datasheet HTML 7Page - Maxim Integrated Products MAX6012 Datasheet HTML 8Page - Maxim Integrated Products MAX6012 Datasheet HTML 9Page - Maxim Integrated Products MAX6012 Datasheet HTML 10Page - Maxim Integrated Products MAX6012 Datasheet HTML 11Page - Maxim Integrated Products MAX6012 Datasheet HTML 12Page - Maxim Integrated Products MAX6012 Datasheet HTML 13Page - Maxim Integrated Products MAX6012 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Precision, Low-Power, Low-Dropout,
SOT23-3 Voltage References
______________________________________________________________________________________
11
Typical Operating Characteristics (continued)
(VIN = +5V for MAX6012/21/25/30/41/45, VIN = +5.5V for MAX6050; IOUT = 0; TA = +25°C; unless otherwise noted.) (Note 6)
IOUT
40
µA/div
+25
µA
-25
µA
VOUT
20mV/div
10
µs/div
MAX6012
LOAD-TRANSIENT RESPONSE
MAX6012-19
IOUT = ±25
µA, AC-COUPLED
IOUT
50
µA/div
VOUT
50mV/div
20
µs/div
MAX6050
LOAD-TRANSIENT RESPONSE
VIN = 5.5V, IOUT = ±25
µA, AC-COUPLED
VIN
2V/div
VOUT
2V/div
10
µs/div
MAX6050
TURN-ON TRANSIENT
+500
µA
-500
µA
VOUT
0.2V/div
IOUT
1mA/div
10
µs/div
MAX6012
LOAD-TRANSIENT RESPONSE
MAX6012-22
IOUT = ±500
µA, AC-COUPLED
VIN
200mV/div
VOUT
100mV/div
2
µs/div
VIN = 5.5V ±0.25V, AC-COUPLED
MAX6050
LINE-TRANSIENT RESPONSE
IOUT
500
µA/div
VOUT
200mV/div
20
µs/div
MAX6050
LOAD-TRANSIENT RESPONSE
VIN = 5.5V, IOUT = ±500
µA, AC-COUPLED
VIN
200mV/div
VOUT
100mV/div
2.5
µs/div
VIN = 5V ±0.25V, AC-COUPLED
MAX6012
LINE-TRANSIENT RESPONSE
Note 6: Many of the Typical Operating Characteristics of the MAX6012 family are
extremely similar. The extremes of these characteristics are found in the
MAX6012 (1.2V output) and the MAX6050 (5.0V output). The Typical
Operating Characteristics of the remainder of the MAX6012 family typically
lie between these two extremes and can be estimated based on their output
voltage.


Similar Part No. - MAX6012

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6012 MAXIM-MAX6012 Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
MAX6012-MAX6050 MAXIM-MAX6012-MAX6050 Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
MAX6012AEUR-T MAXIM-MAX6012AEUR-T Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
MAX6012BEUR-T MAXIM-MAX6012BEUR-T Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
More results

Similar Description - MAX6012

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
   Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6125 MAXIM-MAX6125 Datasheet
84Kb / 8P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com