Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39871R858H210 Datasheet(PDF) 3 Page - EPCOS

Part # B39871R858H210
Description  Surface Acoustic Wave Components for RF Control Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39871R858H210 Datasheet(HTML) 3 Page - EPCOS

  B39871R858H210 Datasheet HTML 1Page - EPCOS B39871R858H210 Datasheet HTML 2Page - EPCOS B39871R858H210 Datasheet HTML 3Page - EPCOS B39871R858H210 Datasheet HTML 4Page - EPCOS B39871R858H210 Datasheet HTML 5Page - EPCOS B39871R858H210 Datasheet HTML 6Page - EPCOS B39871R858H210 Datasheet HTML 7Page - EPCOS B39871R858H210 Datasheet HTML 8Page - EPCOS B39871R858H210 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Introduction
What are SAW components used for?
In remote control applications, SAW resonators provide
stable frequencies for the RF carrier signal to transmit
data over a range of 10 to 300 m or for the local oscillators
of superhet receivers.
The front-end filter in the receiver eliminates inter-
ference from the incoming RF signal, thus increasing
selectivity and sensitivity in short-range devices.
Benefits
s SAW resonators with tight frequency tolerances:
±100/±75 /± 50 kHz
s Identical pinning for all standard frequencies in each
package size
s Hermetically sealed SMD packages allow the SAW
components to operate even in extremely hostile
environments:
– Extended operating temperature range from
–40 °C up to +125 °C
– Improved shock and vibration strength thanks to
stress-free cold seam-welding of the metal lid
s Enhanced reliability (particle protection) and reduced
aging by patented PROTEC® and ELPAS® technologies
s 100% final examination
s All EPCOS factories are certified to automotive standard
ISO/TS 16949
s Component qualification to automotive test procedure
AEC-Q200
s Full level 3 PPAP available
s Unique production know-how and volume benefits from
the world market leader in SAW components:
“No less than three million SAW components leave our
factories every day”


Similar Part No. - B39871R858H210

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39871R808H210 EPCOS-B39871R808H210 Datasheet
29Kb / 5P
   SAW Components SAW resonator Short range devices
More results

Similar Description - B39871R858H210

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ETM-SAW01C ADVANTECH-ETM-SAW01C Datasheet
362Kb / 1P
   Surface Acoustic Wave Touch Control Board
logo
Advanced Crystal Techno...
ACTF9001 ACT-ACTF9001 Datasheet
60Kb / 4P
   surface wave acoustic (SAW) RF filter
SEPT 04
ACTQ973 ACT-ACTQ973 Datasheet
59Kb / 3P
   surface-acoustic-wave (SAW)
SEPT 04
ACTQ384 ACT-ACTQ384 Datasheet
60Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR0010 ACT-ACTR0010 Datasheet
56Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ0016 ACT-ACTQ0016 Datasheet
65Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ380 ACT-ACTQ380 Datasheet
63Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ434 ACT-ACTQ434_1 Datasheet
64Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ530 ACT-ACTQ530 Datasheet
59Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ550 ACT-ACTQ550 Datasheet
65Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com