Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU-00201-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-00201-2
Description  Plunger Clip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-00201-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-00201-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Plunger clip
• Material: Cap & Body: glass filled nylon; Spring: Stainless steel;
Contact: beryllium copper; insulator to a single contact point
• Length: 1.75” (44 mm)(BU-00201-*); 2.50” (63 mm)(BU-00202-*);
3.50” (88 mm)(BU-00203-*);
• *Std Colors: -0 Black -2 Red
Rating: 1000 Volts, 10 Amps
Part Number: BU-00201-*/ BU-00202-*/
BU-00203-*
Description:
Plunger Clip
2907


Similar Part No. - BU-00201-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-00207-0 ETC2-BU-00207-0 Datasheet
47Kb / 1P
   Safety Plunger Clip Adapter
BU-00208-0 ETC2-BU-00208-0 Datasheet
51Kb / 1P
   Mini-Micro Plunger Clip
BU-00209-0 ETC2-BU-00209-0 Datasheet
199Kb / 1P
   UL Listed Threaded Safety Plunger
BU-00209-2 ETC2-BU-00209-2 Datasheet
199Kb / 1P
   UL Listed Threaded Safety Plunger
More results

Similar Description - BU-00201-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-00208-0 ETC2-BU-00208-0 Datasheet
51Kb / 1P
   Mini-Micro Plunger Clip
BU-00207-0 ETC2-BU-00207-0 Datasheet
47Kb / 1P
   Safety Plunger Clip Adapter
BU-20432-0 ETC2-BU-20432-0 Datasheet
49Kb / 1P
   Right Angle Insulated Plunger Clamp Clip
BU-1111-A-12-0 ETC2-BU-1111-A-12-0 Datasheet
65Kb / 1P
   Mini-plunger Clip On Both Ends
BU-20431-0 ETC2-BU-20431-0 Datasheet
53Kb / 1P
   Right Angle Insulated Plunger Hook Clip
BU-20434-0 ETC2-BU-20434-0 Datasheet
51Kb / 1P
   Right Angle Insulated Plunger Jaw Clip
BU-1010-A-12-0 ETC2-BU-1010-A-12-0 Datasheet
65Kb / 1P
   Micro-plunger Clip On Both Ends
BU-1010-A-60-0 ETC2-BU-1010-A-60-0 Datasheet
65Kb / 1P
   Micro-plunger Clip On Both Ends
logo
CAMBION Electronic Comp...
410-2844 CAMBION-410-2844 Datasheet
28Kb / 1P
   Component Clip, .040 (1,02) Slot, Thread mount, Capped Plunger
410-2832 CAMBION-410-2832 Datasheet
28Kb / 1P
   Component Clip, .085 (2,16) Slot, Thread mount, Capped Plunger
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com