Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1991 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1991
Description  MultiKey iButton
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1991 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1991 Datasheet HTML 5Page - Dallas Semiconductor DS1991 Datasheet HTML 6Page - Dallas Semiconductor DS1991 Datasheet HTML 7Page - Dallas Semiconductor DS1991 Datasheet HTML 8Page - Dallas Semiconductor DS1991 Datasheet HTML 9Page - Dallas Semiconductor DS1991 Datasheet HTML 10Page - Dallas Semiconductor DS1991 Datasheet HTML 11Page - Dallas Semiconductor DS1991 Datasheet HTML 12Page - Dallas Semiconductor DS1991 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS1991
9 of 14
TRANSACTION SEQUENCE
The protocol for accessing the DS1991 via the 1-Wire port is as follows:
§ Initialization
§ ROM Function Command
§ Memory Function Command
§ Transaction/Data
INITIALIZATION
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence
consists of a reset pulse transmitted by the bus master followed by presence pulse(s) transmitted by the
slave(s). The presence pulse lets the bus master know that the DS1991 is on the bus and is ready to
operate. For more details, see the “1-Wire Signaling” section
ROM FUNCTION COMMANDS
Once the bus master has detected a presence pulse, it can issue one of the four ROM function commands.
All ROM function commands are eight bits long. A list of these commands follows (refer to flowchart in
Figure 9).
Read ROM [33H]
This command allows the bus master to read the DS1991’s 8-bit family code, unique 48-bit serial number
and 8-bit CRC. This command can be used only if there is a single DS1991 on the bus. If more than one
slave is present on the bus, a data collision will occur when all slaves try to transmit at the same time
(open drain will produce a wired-AND result).
Match ROM [55H]
The match ROM command, followed by a 64-bit ROM sequence, allows the bus master to address a
specific DS1991 on a multidrop bus. Only the DS1991 that exactly matches the 64-bit ROM sequence
will respond to the subsequent memory function command. All slaves that do not match the 64-bit ROM
sequence will wait for a reset pulse. This command can be used with a single or multiple devices on the
bus.
Skip ROM [CCH]
This command can save time in a single drop bus system by allowing the bus master to access the
memory functions without providing the 64-bit ROM code. If more than one slave is present on the bus
and a read command is issued following the Skip ROM command, data collision will occur on the bus as
multiple slaves transmit simultaneously (open drain will produce a wired-AND result).
Search ROM [F0H]
When a system is initially brought up, the bus master might not know the number of devices on the 1-
Wire bus or their 64-bit ROM codes. The Search ROM command allows the bus master to use a process
of elimination to identify the 64-bit ROM codes of all slave devices on the bus. The ROM search process
is the repetition of a simple 3-step routine: read a bit, read the complement of the bit, then write the
desired value of that bit. The bus master performs this simple 3-step routine on each bit of the ROM.
After one complete pass, the bus master knows the contents of the ROM in one device. The remaining
number of devices and their ROM codes may be identified by additional passes. See Chapter 5 of the
Book of DS19xx iButton Standards for a comprehensive discussion of a search ROM, including an actual
example.


Similar Part No. - DS1991

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1990 DALLAS-DS1990 Datasheet
151Kb / 10P
   Serial Number iButton
DS1990A DALLAS-DS1990A Datasheet
151Kb / 10P
   Serial Number iButton
logo
Maxim Integrated Produc...
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
   Serial Number iButton
Rev: 10/08
logo
Dallas Semiconductor
DS1990A-F3 DALLAS-DS1990A-F3 Datasheet
151Kb / 10P
   Serial Number iButton
logo
Maxim Integrated Produc...
DS1990A-F3++ MAXIM-DS1990A-F3+ Datasheet
149Kb / 10P
   Serial Number iButton
Rev: 10/08
More results

Similar Description - DS1991

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1205V DALLAS-DS1205V Datasheet
21Kb / 1P
   MultiKey
DS1205S DALLAS-DS1205S Datasheet
138Kb / 17P
   MultiKey Chip
DS1963S DALLAS-DS1963S Datasheet
349Kb / 37P
   SHA iButton
logo
Maxim Integrated Produc...
DS9092 MAXIM-DS9092 Datasheet
274Kb / 3P
   iButton Probe
8/09
DS9107 MAXIM-DS9107 Datasheet
143Kb / 3P
   iButton Capsule
11/09
DS1920 MAXIM-DS1920 Datasheet
531Kb / 22P
   Temperature iButton
Rev 8/09
logo
Dallas Semiconductor
DS1904 DALLAS-DS1904 Datasheet
72Kb / 12P
   RTC iButton
DS1425 DALLAS-DS1425 Datasheet
19Kb / 2P
   Multi iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
   Thermochron iButton
Rev 6; 3/12
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com