Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R40-100 Datasheet(PDF) 1 Page - Harwin Plc

Part # R40-100
Description  Metric & Imperial Spacers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

R40-100 Datasheet(HTML) 1 Page - Harwin Plc

  R40-100 Datasheet HTML 1Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions in mm.
194
www.harwin.com
metric & imperial Spacers
Threaded female Spacers
Available in a variety of standard body lengths.
Brass spacers: base material is free-machining brass,
with nickel plating.
Plastic material: Nylon 66 UL94V-2.
hoW To order
r30-161
Plastic, Hexagonal
M3, 5.5mm A/F
r25-100
Brass, Hexagonal
M2.5, 5.0mm A/F
r40-100
Brass, Hexagonal
M4, 7.0mm A/F
r44-100
Brass, Hexagonal
4-40 UNC, 5.0mm A/F
r30-100
Brass, Hexagonal
M3, 5.0mm A/F
r30-101
Brass, Hexagonal
M3, 5.5mm A/F
series Code
See pictures above
MAteriAl/FinisH
00
Plastic
02
Brass/Nickel
rXX - XXX XX XX
r30-500
Brass, Circular
M3, Ø4.76mm O/D
lengtH (mm)
04 to 16, 18, 20, 25
Other
06 to 16, 18, 20, 25
R30-161, R40-100
06, 09, 10, 12, 13, 15, 16, 19,
22, 23, 25, 30, 35, 45, 50
R44-100
Threaded SPaCerS


Similar Part No. - R40-100

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
R40-1000502 HARWIN-R40-1000502 Datasheet
117Kb / 1P
   M3 HEXAGONAL FEMALE SPACER
R40-1000602 HARWIN-R40-1000602 Datasheet
117Kb / 1P
   M3 HEXAGONAL FEMALE SPACER
R40-1000702 HARWIN-R40-1000702 Datasheet
117Kb / 1P
   M3 HEXAGONAL FEMALE SPACER
R40-1000802 HARWIN-R40-1000802 Datasheet
117Kb / 1P
   M3 HEXAGONAL FEMALE SPACER
R40-1000902 HARWIN-R40-1000902 Datasheet
117Kb / 1P
   M3 HEXAGONAL FEMALE SPACER
More results

Similar Description - R40-100

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
R40-6710594 HARWIN-R40-6710594 Datasheet
88Kb / 1P
   Metric Spacers
R40-6000402 HARWIN-R40-6000402 Datasheet
2Mb / 1P
   Metric Spacers
R40-6711294 HARWIN-R40-6711294 Datasheet
88Kb / 1P
   Metric Spacers
logo
List of Unclassifed Man...
105-605 ETC2-105-605 Datasheet
41Kb / 1P
   Imperial/Metric Hexagon Key Sets
24422 ETC2-24422 Datasheet
115Kb / 2P
   METRIC STANDOFFS AND SPACERS
24406 ETC2-24406 Datasheet
355Kb / 1P
   METRIC STANDOFFS AND SPACERS
24421 ETC2-24421 Datasheet
89Kb / 1P
   METRIC STANDOFFS AND SPACERS
10104 ETC-10104 Datasheet
116Kb / 1P
   Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Richco, Inc.
R910-4 RICHCO-R910-4 Datasheet
26Kb / 1P
   NYLON SPACERS
logo
List of Unclassifed Man...
1483 ETC2-1483 Datasheet
297Kb / 1P
   SPACERS , STANDOFFS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com