Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2016-100 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS2016-100
Description  2k x 8 3V/5V Operation Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2016-100 Datasheet(HTML) 8 Page - Dallas Semiconductor

  DS2016-100 Datasheet HTML 1Page - Dallas Semiconductor DS2016-100 Datasheet HTML 2Page - Dallas Semiconductor DS2016-100 Datasheet HTML 3Page - Dallas Semiconductor DS2016-100 Datasheet HTML 4Page - Dallas Semiconductor DS2016-100 Datasheet HTML 5Page - Dallas Semiconductor DS2016-100 Datasheet HTML 6Page - Dallas Semiconductor DS2016-100 Datasheet HTML 7Page - Dallas Semiconductor DS2016-100 Datasheet HTML 8Page - Dallas Semiconductor DS2016-100 Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DS2016
8 of 9
DS2016 24-PIN DIP
PKG
24-PIN
DIM
MIN
MAX
A IN.
MM
1.245
31.62
1.270
32.25
B IN.
MM
0.530
13.46
0.550
13.97
C IN.
MM
0.140
3.56
0.160
4.06
D IN.
MM
0.600
15.24
0.625
15.88
E IN.
MM
0.015
0.380
0.050
1.27
F IN.
MM
0.120
3.05
0.145
3.68
G IN.
MM
0.090
2.29
0.110
2.79
H IN.
MM
0.625
15.88
0.675
17.15
J IN.
MM
0.008
0.20
0.012
0.30
K IN.
MM
0.015
0.38
0.022
0.56


Similar Part No. - DS2016-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2016 MAXIM-DS2016 Datasheet
168Kb / 8P
   2k x 8 3V/5V Operation Static RAM
032706
More results

Similar Description - DS2016-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2016 MAXIM-DS2016 Datasheet
168Kb / 8P
   2k x 8 3V/5V Operation Static RAM
032706
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A_07 Datasheet
193Kb / 10P
   2K x 8 Static RAM
CY6116A CYPRESS-CY6116A Datasheet
466Kb / 9P
   2K x 8 Static RAM
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com