Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21348 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS21348
Description  3.3V E1/T1/J1 Line Interface
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21348 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS21348 Datasheet HTML 1Page - Dallas Semiconductor DS21348 Datasheet HTML 2Page - Dallas Semiconductor DS21348 Datasheet HTML 3Page - Dallas Semiconductor DS21348 Datasheet HTML 4Page - Dallas Semiconductor DS21348 Datasheet HTML 5Page - Dallas Semiconductor DS21348 Datasheet HTML 6Page - Dallas Semiconductor DS21348 Datasheet HTML 7Page - Dallas Semiconductor DS21348 Datasheet HTML 8Page - Dallas Semiconductor DS21348 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
1 of 73
111501
FEATURES
§ Complete E1, T1, or J1 line interface unit
(LIU)
§ Supports both long-haul and short-haul
trunks
§ Internal software-selectable receive-side
termination for 75Ω/100Ω/120
W
§ 3.3V power supply
§ 32-bit or 128-bit crystal-less jitter attenuator
requires only a 2.048MHz master clock for
both E1 and T1 with option to use 1.544MHz
for T1
§ Generates the appropriate line build-outs,
with and without return loss, for E1 and
DSX-1 and CSU line build-outs for T1
§ AMI, HDB3, and B8ZS, encoding/decoding
§ 16.384MHz, 8.192MHz, 4.096MHz, or
2.048MHz clock output synthesized to
recovered clock
§ Programmable monitor mode for receiver
§ Loopbacks and PRBS pattern generation/
detection with output for received errors
§ Generates/detects in-band loop codes, 1 to 16
bits including CSU loop codes
§ 8-bit parallel or serial interface with optional
hardware mode
§ Muxed and nonmuxed parallel bus supports
Intel or Motorola
§ Detects/generates blue (AIS) alarms
§ NRZ/bipolar interface for TX/RX data I/O
§ Transmit open-circuit detection
§ Receive Carrier Loss (RCL) indication
(G.775)
§ High-Z State for TTIP and TRING
§ 50mA (rms) current limiter
PIN DESCRIPTION
ORDERING INFORMATION
DS21348TN 44-Pin TQFP
(-40
°C to +85°C)
DS21348T
44-Pin TQFP
(0o C to +70oC)
DS21348GN 7mm CABGA (-40
°C to +85°C)
DS21348G
7mm CABGA
(0o C to +70oC)
DS21Q348N (Quad) BGA
(-40
°C to +85°C)
DS21Q348
(Quad) BGA
(0o C to +70o C)
44 TQFP
7 mm
CABGA
1
44
DS21348/Q348
3.3V E1/T1/J1 Line Interface
www.maxim-ic.com


Similar Part No. - DS21348

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21348 MAXIM-DS21348 Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
DS21348G MAXIM-DS21348G Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
DS21348G++ MAXIM-DS21348G+ Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
DS21348GN MAXIM-DS21348GN Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
DS21348GN++ MAXIM-DS21348GN+ Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
More results

Similar Description - DS21348

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21348 MAXIM-DS21348 Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
logo
Dallas Semiconductor
DS21448 DALLAS-DS21448 Datasheet
1Mb / 60P
   3.3V E1/T1/J1 Quad Line Interface
logo
Maxim Integrated Produc...
DS21448 MAXIM-DS21448 Datasheet
837Kb / 60P
   3.3V E1/T1/J1 Quad Line Interface
REV: 011206
logo
Dallas Semiconductor
DS2148 DALLAS-DS2148 Datasheet
544Kb / 75P
   5V E1/T1/J1 Line Interface
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
logo
PMC-Sierra, Inc
PM4318 PMC-PM4318 Datasheet
2Mb / 244P
   OCTAL E1/T1/J1 LINE INTERFACE DEVICE
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324_11 Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
logo
Dallas Semiconductor
DS21448DK DALLAS-DS21448DK Datasheet
716Kb / 17P
   3.3V E1/T1/J1 Line Interface Design Kit Daughter Card
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303_V01 Datasheet
1Mb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com