Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V575LA80BP Datasheet(PDF) 10 Page - Littelfuse

Part # V575LA80BP
Description  LA Varistor Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V575LA80BP Datasheet(HTML) 10 Page - Littelfuse

Back Button V575LA80BP Datasheet HTML 5Page - Littelfuse V575LA80BP Datasheet HTML 6Page - Littelfuse V575LA80BP Datasheet HTML 7Page - Littelfuse V575LA80BP Datasheet HTML 8Page - Littelfuse V575LA80BP Datasheet HTML 9Page - Littelfuse V575LA80BP Datasheet HTML 10Page - Littelfuse V575LA80BP Datasheet HTML 11Page - Littelfuse V575LA80BP Datasheet HTML 12Page - Littelfuse V575LA80BP Datasheet HTML 13Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Varistor Products
©2012 Littelfuse, Inc.
Revision: February 9, 2012
LA Varistor Series
Radial Lead Varistors > LA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/la.html for current information.
Product Dimensions (mm)
Dimension
V
RMS
Voltage
Model
7mm Size
10mm Size
14mm Size
20mm Size
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
A
V320LA
12 (0.472)
16 (0.630)
20 (0.787)
26.5 (1.043)
V1000LA
13 (0.0512)
20.5 (0.807)
28 (1.102)
ØD
All
e
All
4 (0.157)
6 (0.236)
6.5 (0.256)
8.5 (0.335)
6.5 (0.256)
8.5 (0.335)
6.5 (0.256)
8.5
e
1
V320LA
3.5 (0.138)
3.5 (0.138)
3.5 (0.138)
3.5 (0.138)
V1000LA
5.5 (0.217)
5.5 (0.217)
5.5 (0.217)
5.5 (0.217)
E
V320LA
5.6 (0.220)
5.6 (0.220)
5.6 (0.220)
5.6 (0.220)
V510LA
7.3 (0.287)
7.3 (0.287)
7.3 (0.287)
7.3 (0.287)
V680LA
8.3 (0.327)
8.3 (0.327)
8.3 (0.327)
8.3 (0.327)
V1000LA
10.8 (0.425)
10.8 (0.425)
Øb
All
0.585
(0.023)
0.685
(0.027)
0.76 (0.030)
0.86 (0.034)
0.76 (0.030)
0.86 (0.034)
0.76 (0.030)
0.86 (0.034)
A
TRIM
All
22.5 (0.886)
L
TRIM
All
*SEATING
PLANE
L
TRIM
A
TRIM
1. Dimensions in millimeters, (inches) in parentheses.
CRIMPED AND TRIMMED LEAD
Crimped leads are standard on LA types supplied in tape and reel
and are denoted by the model letter "T." Model letter "S" denotes


Similar Part No. - V575LA80BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V575LA80BP LITTELFUSE-V575LA80BP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V575LA80BP LITTELFUSE-V575LA80BP Datasheet
833Kb / 13P
   Radial Lead Varistors
V575LA80BP LITTELFUSE-V575LA80BP Datasheet
1Mb / 13P
   LA Varistor Series
V575LA80BP LITTELFUSE-V575LA80BP Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V575LA80BP LITTELFUSE-V575LA80BP Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V575LA80BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
V130LC5P LITTELFUSE-V130LC5P Datasheet
1Mb / 13P
   LA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V420LS40BP LITTELFUSE-V420LS40BP Datasheet
1Mb / 13P
   LA Varistor Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
logo
RAYEX ELECTRONICS CO., ...
LA-12FW RAYEX-LA-12FW Datasheet
666Kb / 2P
   LA SERIES
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com