Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21Q348N Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS21Q348N
Description  3.3V E1/T1/J1 Line Interface
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21Q348N Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS21Q348N Datasheet HTML 5Page - Dallas Semiconductor DS21Q348N Datasheet HTML 6Page - Dallas Semiconductor DS21Q348N Datasheet HTML 7Page - Dallas Semiconductor DS21Q348N Datasheet HTML 8Page - Dallas Semiconductor DS21Q348N Datasheet HTML 9Page - Dallas Semiconductor DS21Q348N Datasheet HTML 10Page - Dallas Semiconductor DS21Q348N Datasheet HTML 11Page - Dallas Semiconductor DS21Q348N Datasheet HTML 12Page - Dallas Semiconductor DS21Q348N Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
DS21348/Q348
9 of 73
TRANSMIT LOGIC Figure 3-3
4. PIN DESCRIPTION
The DS21348 can be controlled in a parallel port mode, a serial port mode, or a hardware mode (Table
4-1, 4-2, and 4-3). The parallel and serial port modes are described in Section 3, and the Hardware Mode
is described below.
BUS INTERFACE SELECTION Table 4-1
BIS1
BIS0
PBTS
MODE
0
0
0
Muxed Intel
0
0
1
Muxed Motorola
0
1
0
Nonmuxed Intel
0
1
1
Nonmuxed Motorola
1
0
-
Serial Port
1
1
-
Hardware
BPV
Insert
mux
B8ZS/
HDB3
Coder
Logic
Error
Insert
mux
OR
Gate
OR
Gate
CCR3.1
CCR1.6
CCR2.2
CCR3.0
CCR3.4
CCR3.3
TPOS
TNEG
To
Remote
Loopback
PRBS Generator
Loop Code Generator
Clock
Invert
Loss Of Transmit
Clock Detect
TCLK
CCR2.1
RCLK
JACLK
(derived
from
MCLK)
CCR1.0
CCR1.1
CCR1.2
1
0
mux
mux
OR
Gate
To LOTC Output Pin
0
1
0
1
AND
Gate
Routed to
All Blocks
tx bd
SR.5


Similar Part No. - DS21Q348N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q348N MAXIM-DS21Q348N Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
More results

Similar Description - DS21Q348N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21348 MAXIM-DS21348 Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
logo
Dallas Semiconductor
DS21448 DALLAS-DS21448 Datasheet
1Mb / 60P
   3.3V E1/T1/J1 Quad Line Interface
logo
Maxim Integrated Produc...
DS21448 MAXIM-DS21448 Datasheet
837Kb / 60P
   3.3V E1/T1/J1 Quad Line Interface
REV: 011206
logo
Dallas Semiconductor
DS2148 DALLAS-DS2148 Datasheet
544Kb / 75P
   5V E1/T1/J1 Line Interface
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
logo
PMC-Sierra, Inc
PM4318 PMC-PM4318 Datasheet
2Mb / 244P
   OCTAL E1/T1/J1 LINE INTERFACE DEVICE
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324_11 Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
logo
Dallas Semiconductor
DS21448DK DALLAS-DS21448DK Datasheet
716Kb / 17P
   3.3V E1/T1/J1 Line Interface Design Kit Daughter Card
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303_V01 Datasheet
1Mb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com