Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2181A Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS2181A
Description  CEPT Primary Rate Transceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2181A Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS2181A Datasheet HTML 4Page - Dallas Semiconductor DS2181A Datasheet HTML 5Page - Dallas Semiconductor DS2181A Datasheet HTML 6Page - Dallas Semiconductor DS2181A Datasheet HTML 7Page - Dallas Semiconductor DS2181A Datasheet HTML 8Page - Dallas Semiconductor DS2181A Datasheet HTML 9Page - Dallas Semiconductor DS2181A Datasheet HTML 10Page - Dallas Semiconductor DS2181A Datasheet HTML 11Page - Dallas Semiconductor DS2181A Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
DS2181A
8 of 32
SERIAL PORT READ/WRITE Figure 3
NOTES:
1. SDI sampled on rising edge of SCLK.
2. SDO updated on falling edge of SCLK.
TCR: TRANSMIT CONTROL REGISTER Figure 4
(MSB)
(LSB)
TUA1
TSS
TSM
INBS
NBS
XBS
TSA1
ODM
SYMBOL
POSITION
NAME AND DESCRIPTION
TUA1
TCR.7
Transmit Unframed All 1’s.
0 = Normal operation.
1 = Replace outgoing data at TPOS and TNEG with unframed all
1’s code.
TSS
TCR.6
Transmit Signaling Select
1
0 = Signaling data embedded in the serial bit stream is sampled at
TSER during timeslot 16.
1 = Signaling data is channel associated and sampled at TSD as
shown in Table 6.
TSM
TCR.5
Transmit Signaling Mode
1
0 = Channel Associated Signaling (CAS).
1 = Common Channel Signaling (CCS).
INBS
TCR.4
International Bit Select
0 = Sample international bit at TIND.
1 = Outgoing international bit = TINR.7.
NBS
TCR.3
National Bit Select
0 = Sample national bits at TIND.
1 = Source outgoing national bits from TINR.4 through TINR.0.
XBS
TCR.2
Extra Bit Select
0 = Sample extra bits at TXD.
1 = Source extra bits from TXR.0 through TXR.1 and TXR.3.
TSA1
TCR.1
Transmit Signaling All 1’s
0 = Normal operation.
1 = Force contents of timeslot 16 in all frames to all 1’s.
ODM
TCR.0
Output Data Mode
0 = TPOS and TNEG outputs are 100% duty cycle.
1 = TPOS and TNEG outputs are 50% duty cycle.


Similar Part No. - DS2181A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2180A DALLAS-DS2180A Datasheet
481Kb / 35P
   T1 Transceiver
logo
Maxim Integrated Produc...
DS2180A MAXIM-DS2180A Datasheet
487Kb / 35P
   T1 Transceiver
112099
logo
Dallas Semiconductor
DS2182 DALLAS-DS2182 Datasheet
270Kb / 25P
   T1 Line Monitor
DS2182A DALLAS-DS2182A Datasheet
270Kb / 25P
   T1 Line Monitor
DS2186 DALLAS-DS2186 Datasheet
129Kb / 11P
   Transmit Line Interface
More results

Similar Description - DS2181A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5432 STMICROELECTRONICS-STLC5432 Datasheet
391Kb / 46P
   2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
logo
Siemens Semiconductor G...
PEB22320 SIEMENS-PEB22320 Datasheet
295Kb / 45P
   Primary Rate Access Clock Generator and Transceiver PRACT
logo
Allied Components Inter...
AHTA-1622I ALLIED-AHTA-1622I Datasheet
236Kb / 1P
   T1/CEPT/ISDN - Primary Transformer
AHTA-2009I ALLIED-AHTA-2009I Datasheet
256Kb / 1P
   T1/CEPT/ISDN - Primary Transformer
AHSC-4009I ALLIED-AHSC-4009I Datasheet
316Kb / 1P
   T1/CEPT/ISDN - Primary Transformer
AHSC-1608S ALLIED-AHSC-1608S Datasheet
289Kb / 1P
   T1/E1/CEPT/ISDN - Primary Transformer
ATE-1637 ALLIED-ATE-1637 Datasheet
742Kb / 1P
   T1/CEPT/ISDN Primary Filter Module
logo
Source Photonics, Inc.
SP-DR-IR1-CDA SOURCE-SP-DR-IR1-CDA Datasheet
414Kb / 5P
   Dual Rate SFP Transceiver
logo
Broadcom Corporation.
BCM8228 BOARDCOM-BCM8228 Datasheet
133Kb / 1P
   VERIRATETM MULTI-RATE TRANSCEIVER
logo
Zarlink Semiconductor I...
MT90528 ZARLINK-MT90528 Datasheet
1Mb / 195P
   28-Port Primary Rate Circuit Emulation AAL1 SAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com