Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21Q44TN Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS21Q44TN
Description  Enhanced QUAD E1 FRAMER
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21Q44TN Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS21Q44TN Datasheet HTML 3Page - Dallas Semiconductor DS21Q44TN Datasheet HTML 4Page - Dallas Semiconductor DS21Q44TN Datasheet HTML 5Page - Dallas Semiconductor DS21Q44TN Datasheet HTML 6Page - Dallas Semiconductor DS21Q44TN Datasheet HTML 7Page - Dallas Semiconductor DS21Q44TN Datasheet HTML 8Page - Dallas Semiconductor DS21Q44TN Datasheet HTML 9Page - Dallas Semiconductor DS21Q44TN Datasheet HTML 10Page - Dallas Semiconductor DS21Q44TN Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 105 page
background image
DS21Q44
7 of 105
2.
DS21Q44 PIN DESCRIPTION
Pin Description Sorted by Pin Number Table 2-1
PIN
SYMBOL
TYPE
DESCRIPTION
1
TCHBLK0
O
Transmit Channel Block from Framer 0
2
TPOS0
O
Transmit Bipolar Data from Framer 0
3
TNEG0
O
Transmit Bipolar Data from Framer 0
4
RLINK0
O
Receive Link Data from Framer 0
5
RLCLK0
O
Receive Link Clock from Framer 0
6
RCLK0
I
Receive Clock for Framer 0
7
RNEG0
I
Receive Bipolar Data for Framer 0
8
RPOS0
I
Receive Bipolar Data for Framer 0
9RSIG0
[RCHCLK0]
O
[O]
Receive Signaling Output from Framer 0
[Receive Channel Clock from Framer 0]
10
RCHBLK0
O
Receive Channel Block from Framer 0
11
RSYSCLK0
I
Receive System Clock for Elastic Store in Framer 0
12
RSYNC0
I/O
Receive Sync for Framer 0
13
RSER0
O
Receive Serial Data from Framer 0
14
VSS
-
Signal Ground
15
VDD
-
Positive Supply Voltage
16
SPARE1
[RMSYNC0]
-
[O]
RESERVED - must be left unconnected for normal operation
[Receive Multiframe Sync from Framer 0]
17
RFSYNC0
O
Receive Frame Sync from Framer 0
18
JTRST*
[RLOS/LOTC0]
I
[O]
JTAG Reset
[Receive Loss of Sync/Loss of Transmit clock from Framer 0]
19
TCLK0
I
Transmit Clock for Framer 0
20
TLCLK0
O
Transmit Link Clock from Framer 0
21
TSYNC0
I/O
Transmit Sync for Framer 0
22
TLINK0
I
Transmit Link Data for Framer 0
23
A0
I
Address Bus Bit 0; LSB
24
A1
I
Address Bus Bit 1
25
A2
I
Address Bus Bit 2
26
A3
I
Address Bus Bit 3
27
A4
I
Address Bus Bit 4
28
A5
I
Address Bus Bit 5
29
A6/ALE (AS)
I
Address Bus Bit 6; MSB or Address Latch Enable (Address
Strobe)
30
INT*
O
Receive Alarm Interrupt for all Four Framers
31
TSYSCLK1
I
Transmit System Clock for Elastic Store in Framer 1
32
TSER1
I
Transmit Serial Data for Framer 1
33
TSSYNC1
I
Transmit Sync for Elastic Store in Framer 1
34
TSIG1
[TCHCLK1]
I
[O]
Transmit Signaling Input for Framer 1
[Transmit Channel Clock from Framer 1]
35
TCHBLK1
O
Transmit Channel Block from Framer 1
36
TPOS1
O
Transmit Bipolar Data from Framer 1
37
TNEG1
O
Transmit Bipolar Data from Framer 1


Similar Part No. - DS21Q44TN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q44TN MAXIM-DS21Q44TN Datasheet
708Kb / 105P
   Enhanced Quad E1 Framer
062602
More results

Similar Description - DS21Q44TN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q44 MAXIM-DS21Q44 Datasheet
708Kb / 105P
   Enhanced Quad E1 Framer
062602
DS21Q43A MAXIM-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
092299
logo
Dallas Semiconductor
DS21Q43A DALLAS-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
67Kb / 2P
   Quad E1 Framer
logo
Maxim Integrated Produc...
DS21Q42 MAXIM-DS21Q42 Datasheet
954Kb / 116P
   Enhanced Quad T1 Framer
062602
logo
Dallas Semiconductor
DS21Q42 DALLAS-DS21Q42 Datasheet
1Mb / 119P
   Enhanced QUAD T1 FRAMER
logo
Exar Corporation
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
1Mb / 2P
   QUADRUPLE E1 FRAMER
PM6341 PMC-PM6341 Datasheet
934Kb / 2P
   E1 FRAMER/TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com