Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3500SALRP Datasheet(PDF) 3 Page - Littelfuse

Part # P3500SALRP
Description  SIDACtor Protection Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3500SALRP Datasheet(HTML) 3 Page - Littelfuse

  P3500SALRP Datasheet HTML 1Page - Littelfuse P3500SALRP Datasheet HTML 2Page - Littelfuse P3500SALRP Datasheet HTML 3Page - Littelfuse P3500SALRP Datasheet HTML 4Page - Littelfuse P3500SALRP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SIDACtor® Protection Thyristors
Revised: 01/09/14
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Baseband Protection (Voice-DS1)
SIDACtor® Series, DO-214
25°C
CaseTemperature (T
C) - ºC
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100 120 140 160
Normalized V
S Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (μs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
V-I Characteristics
t
r x td Pulse Waveform
Package
Symbol
Parameter
Value
Unit
DO-214AA
T
J
Operating Junction Temperature Range
-40 to +150
°C
T
S
Storage Temperature Range
-65 to +150
°C
R
0JA
Thermal Resistance: Junction to Ambient
90
°C/W
Thermal Considerations
-8
-40 -20
0
20
40 60
80 100 120 140 160
-6
-4
0
2
4
6
8
10
12
14
Junction Temperature (T
J) – °C
25 °C


Similar Part No. - P3500SALRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3500SALRP LITTELFUSE-P3500SALRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
P3500SALRP LITTELFUSE-P3500SALRP Datasheet
2Mb / 5P
   Low voltage overshoot, Low on-state voltage, Low capacitance
P3500SALRP LITTELFUSE-P3500SALRP Datasheet
2Mb / 5P
   Baseband Protection (Voice-DS1)
logo
HuaXinAn Electronics CO...
P3500SALRP HUAXINAN-P3500SALRP Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
logo
Littelfuse
P3500SALRP LITTELFUSE-P3500SALRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
More results

Similar Description - P3500SALRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P20C HUAXINAN-P20C Datasheet
294Kb / 4P
   SIDACtor Protection Thyristors
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P2000SCLRP HUAXINAN-P2000SCLRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com