Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7350PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7350PBF
Description  Ultra Low On-Resistance
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7350PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7350PBF Datasheet HTML 1Page - International Rectifier IRF7350PBF Datasheet HTML 2Page - International Rectifier IRF7350PBF Datasheet HTML 3Page - International Rectifier IRF7350PBF Datasheet HTML 4Page - International Rectifier IRF7350PBF Datasheet HTML 5Page - International Rectifier IRF7350PBF Datasheet HTML 6Page - International Rectifier IRF7350PBF Datasheet HTML 7Page - International Rectifier IRF7350PBF Datasheet HTML 8Page - International Rectifier IRF7350PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IRF7350PbF
2
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
ƒ Surface mounted on 1 in square Cu board
„ N channel: Starting TJ = 25°C, L = 4.0mH, RG = 25Ω, IAS = 4.2A
P channel: Starting TJ = 25°C, L = 11mH, RG = 25Ω, IAS = -3.0A
Parameter
Min. Typ. Max. Units
Conditions
N-Ch 100
VGS = 0V, ID = 250µA
P-Ch -100 —
VGS = 0V, ID = -250µA
N-Ch —
0.12
Reference to 25°C, ID = 1mA
P-Ch — -0.11 —
Reference to 25°C, ID = -1mA
N-Ch 2.0
4.0
VDS = VGS, ID = 250µA
P-Ch -2.0
-4.0
VDS = VGS, ID = -250µA
N-Ch 2.4
VDS = 50V, ID = 2.1A
P-Ch 1.1
VDS = -50V, ID = -1.5A
N-Ch —
25
VDS = 100V, VGS = 0V
‚
P-Ch —
-25
VDS = -100V, VGS = 0V
‚
N-Ch —
250
VDS = 80 V, VGS = 0V, TJ = 70°C
P-Ch —
-250
VDS = -80V, VGS = 0V, TJ = 70°C
IGSS
Gate-to-Source Forward Leakage
N-P
––
— ±100
VGS = ± 20V
N-Ch —
19
28
P-Ch —
21
31
N-Ch —
3.0
4.5
P-Ch —
3.4
5.1
N-Ch —
8.8
13
P-Ch —
10
16
N-Ch —
6.7
P-Ch —
25
N-Ch —
11
P-Ch —
13
N-Ch —
35
P-Ch —
30
N-Ch —
20
P-Ch —
40
N-Ch —
380
P-Ch —
360
N-Ch —
100
P-Ch —
110
N-Ch —
54
P-Ch —
65
V(BR)DSS
Drain-to-Source Breakdown Voltage
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
RDS(ON)
Static Drain-to-Source On-Resistance
VGS(th)
Gate Threshold Voltage
gfs
Forward Transconductance
IDSS
Drain-to-Source Leakage Current
Qg
Total Gate Charge
Qgs
Gate-to-Source Charge
Qgd
Gate-to-Drain ("Miller") Charge
td(on)
Turn-On Delay Time
tr
Rise Time
td(off)
Turn-Off Delay Time
tf
Fall Time
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
V
V/°C
V
S
µA
nC
ns
pF
N-Channel
ID = 2.1A, VDS = 80V, VGS = 10V
P-Channel
ID = -1.5A, VDS = -80V, VGS = -10V
N-Channel
VDD = 50V, ID = 1.0A, RG = 22Ω,
RD = 50Ω, VGS = 10V
‚
P-Channel
VDD = -50V, ID = -1.0A, RG = 22Ω,
RD = 50Ω, VGS = -10V
P-Channel
VGS = 0V, VDS = -25V, ƒ = 1.0MHz
P-Ch
Parameter
Min. Typ. Max. Units
Conditions
N-Ch —
1.8
P-Ch —
-1.4
N-Ch —
8.4
P-Ch —
-6.0
N-Ch —
1.3
TJ = 25°C, IS = 1.8A, VGS = 0V
‚
P-Ch —
-1.6
TJ = 25°C, IS = -1.4A, VGS = 0V
‚
N-Ch —
72
110
P-Ch —
77
120
N-Ch —
205 310
P-Ch —
240 360
Source-Drain Ratings and Characteristics
IS
Continuous Source Current (Body Diode)
ISM
Pulsed Source Current (Body Diode)

VSD
Diode Forward Voltage
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
A
V
ns
nC
N-Channel
TJ = 25°C, IF = 1.8A, di/dt = 100A/µs
P-Channel
‚
TJ = 25°C, IF = -1.4A, di/dt = -100A/µs
N-Ch
VGS = 10V, ID = 2.1A
‚
0.21
0.48
VGS = -10V, ID = -1.5A
‚
N-Channel
VGS = 0V, VDS = 25V, ƒ = 1.0MHz


Similar Part No. - IRF7350PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7350PBF IRF-IRF7350PBF Datasheet
308Kb / 16P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRF7350PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com