Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51216-0900 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51216-0900
Description  2.00mm Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 9
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

51216-0900 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51216-0900 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
51216-0900
Status:
Active
Description:
2.00mm Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 9
Circuits
Documents:
3D Model
Product Specification PS-51216-007 (PDF)
Drawing (PDF)
Packaging Specification SPK-51216-001 (PDF)
Product Specification PS-51216-005 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51216-006 (PDF)
General
Product Family
Crimp Housings
Series
51216
Application
Signal, Wire-to-Board, Wire-to-Wire
Product Name
N/A
UPC
800754824408
Physical
Circuits (maximum)
9
Color - Resin
Natural
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Polyester
Net Weight
416.700/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.00mm
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-51216-001
Product Specification
PS-51216-005, PS-51216-006, PS-51216-007,
RPS-51216-003, RPS-51216-004, RPS-51216-005,
RPS-51216-006, RPS-51216-007, RPS-51216-008,
RPS-51216-009, RPS-51216-010, RPS-51216-011,
RPS-51216-012
Sales Drawing
SD-51216-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51216Series
Mates With
51227
Use With
51217 , 59370
This document was generated on 04/15/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 51216-0900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51216-0900 MOLEX7-51216-0900 Datasheet
116Kb / 2P
   2.00mm (.079") Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 9 Circuits
More results

Similar Description - 51216-0900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0512160900 MOLEX7-0512160900 Datasheet
116Kb / 2P
   2.00mm (.079") Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 9 Circuits
51216-0600 MOLEX11-51216-0600 Datasheet
44Kb / 1P
   2.00mm Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 6
51216-0700 MOLEX11-51216-0700 Datasheet
44Kb / 1P
   2.00mm Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 7
51216-1100 MOLEX11-51216-1100 Datasheet
44Kb / 1P
   2.00mm Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 11
51216-1500 MOLEX11-51216-1500 Datasheet
44Kb / 1P
   2.00mm Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 15
51216-0200 MOLEX11-51216-0200 Datasheet
44Kb / 1P
   2.00mm Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 2
51216-0400 MOLEX11-51216-0400 Datasheet
44Kb / 1P
   2.00mm Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 4
51216-1200 MOLEX11-51216-1200 Datasheet
44Kb / 1P
   2.00mm Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 12
51216-0500 MOLEX11-51216-0500 Datasheet
44Kb / 1P
   2.00mm Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 5
51216-1000 MOLEX11-51216-1000 Datasheet
44Kb / 1P
   2.00mm Pitch Wire-to-Board and Wire-to-Wire Receptacle Housing, Positive Lock, 10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com