Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX260EF29I3N Datasheet(PDF) 23 Page - Altera Corporation

Part # EP2AGX260EF29I3N
Description  Device Datasheet for Arria II Devices
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX260EF29I3N Datasheet(HTML) 23 Page - Altera Corporation

Back Button EP2AGX260EF29I3N Datasheet HTML 19Page - Altera Corporation EP2AGX260EF29I3N Datasheet HTML 20Page - Altera Corporation EP2AGX260EF29I3N Datasheet HTML 21Page - Altera Corporation EP2AGX260EF29I3N Datasheet HTML 22Page - Altera Corporation EP2AGX260EF29I3N Datasheet HTML 23Page - Altera Corporation EP2AGX260EF29I3N Datasheet HTML 24Page - Altera Corporation EP2AGX260EF29I3N Datasheet HTML 25Page - Altera Corporation EP2AGX260EF29I3N Datasheet HTML 26Page - Altera Corporation EP2AGX260EF29I3N Datasheet HTML 27Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
fixedclk
clock
frequency
PCIe
Receiver
Detect
125
125
125
125
MHz
reconfig_
clk
clock
frequency
Dynamic
reconfig.
clock
frequency
2.5/
37.5
(4)
—50
2.5/
37.5
(4)
—50
2.5/
37.5
(4)
—50
2.5/
37.5
(4)
—50
MHz
Delta time
between
reconfig_
clks
(5)
——
2
2
2
2
ms
Transceiver block
minimum
power-down
pulse width
——
1
1
1
1
µs
Receiver
Supported I/O
Standards
1.4-V PCML, 1.5-V PCML, 2.5-V PCML, 2.5-V PCML, LVPECL, and LVDS
Data rate (13)
600
6375
600
3750
600
3750
600
3125
Mbps
Absolute VMAX
for a receiver pin
(6)
1.5
1.5
1.5
1.5
V
Absolute VMIN for
a receiver pin
-0.4
-0.4
-0.4
-0.4
V
Maximum
peak-to-peak
differential input
voltage VID (diff
p-p)
VICM = 0.82 V
setting
2.7
2.7
2.7
2.7
V
VICM =1.1 V
setting (7)
1.6
1.6
1.6
1.6
V
Table 1–34. Transceiver Specifications for Arria II GX Devices (Note 1) (Part 3 of 7)
Symbol/
Description
Condition
I3
C4
C5 and I5
C6
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max


Similar Part No. - EP2AGX260EF29I3N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
More results

Similar Description - EP2AGX260EF29I3N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
5AGXFB3H4F35I3N ALTERA-5AGXFB3H4F35I3N Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com