Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF10K20 Datasheet(PDF) 95 Page - Altera Corporation

Part # EPF10K20
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K20 Datasheet(HTML) 95 Page - Altera Corporation

Back Button EPF10K20 Datasheet HTML 91Page - Altera Corporation EPF10K20 Datasheet HTML 92Page - Altera Corporation EPF10K20 Datasheet HTML 93Page - Altera Corporation EPF10K20 Datasheet HTML 94Page - Altera Corporation EPF10K20 Datasheet HTML 95Page - Altera Corporation EPF10K20 Datasheet HTML 96Page - Altera Corporation EPF10K20 Datasheet HTML 97Page - Altera Corporation EPF10K20 Datasheet HTML 98Page - Altera Corporation EPF10K20 Datasheet HTML 99Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 128 page
background image
Altera Corporation
95
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Table 79. EPF10K130V Device IOE Timing Microparameters
Note (1)
Symbol
-2 Speed Grade
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tIOD
1.3
1.6
2.0
ns
tIOC
0.4
0.5
0.7
ns
tIOCO
0.3
0.4
0.5
ns
tIOCOMB
0.0
0.0
0.0
ns
tIOSU
2.6
3.3
3.8
ns
tIOH
0.0
0.0
0.0
ns
tIOCLR
1.7
2.2
2.7
ns
tOD1
3.5
4.4
5.0
ns
tOD2
––
ns
tOD3
8.2
8.1
9.7
ns
tXZ
4.9
6.3
7.4
ns
tZX1
4.9
6.3
7.4
ns
tZX2
––
ns
tZX3
9.6
10.0
12.1
ns
tINREG
7.9
10.0
12.6
ns
tIOFD
6.2
7.9
9.9
ns
tINCOMB
6.2
7.9
9.9
ns


Similar Part No. - EPF10K20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20 ALTERA-EPF10K20 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com