Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22Z-3500-2 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A22Z-3500-2
Description  Install in 22-dia. or 25-dia. Panel Cutout
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-3500-2 Datasheet(HTML) 1 Page - Omron Electronics LLC

  A22Z-3500-2 Datasheet HTML 1Page - Omron Electronics LLC A22Z-3500-2 Datasheet HTML 2Page - Omron Electronics LLC A22Z-3500-2 Datasheet HTML 3Page - Omron Electronics LLC A22Z-3500-2 Datasheet HTML 4Page - Omron Electronics LLC A22Z-3500-2 Datasheet HTML 5Page - Omron Electronics LLC A22Z-3500-2 Datasheet HTML 6Page - Omron Electronics LLC A22Z-3500-2 Datasheet HTML 7Page - Omron Electronics LLC A22Z-3500-2 Datasheet HTML 8Page - Omron Electronics LLC A22Z-3500-2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Emergency Stop Switch
A22E
Install in 22-dia. or 25-dia. Panel Cutout
• Direct opening mechanism to open the circuit when the contact
welds
.
• Safety lock mechanism prevents operating errors.
• Easy mounting and removal of Switch Blocks using a lever.
• Mount three Switch Units in series to improve wiring efficiency
(with non-lighted Switch Units, three Units can be mounted for
multiple contacts).
• Finger protection mechanism on Switch Unit provided as a
standard feature.
• Install using either round, or forked crimp terminals.
• Oil-resistant to IP65 (non-lighted models)/IP65 (lighted models)
Note: Be sure to read the precautions for all pushbutton switches in the
Pushbutton Switches Group Catalog (Cat. No. X018), as well as
the
“Safety Precautions” on page 19.
Features
Safety Lock Mechanism to Prevent Misuse
This Switch uses a finger protection
mechanism to prevent electrical shocks.
Moreover, it is provided with a mechanism
to prevent terminal screws from coming
off and also allows connection to either
round or forked crimp terminals.
Construction
Lock position
This Switch enables emergency stops only when the pushbutton is
pressed intentionally and firmly.
Even if an object or person touches the pushbutton by mistake, the
contact will not be released unless the pushbutton reaches the lock
position.
Finger protection
Mechanism for
preventing
terminal screws
from coming off
(loosening the
screws do not
cause them to
come off)
(The above figures are
examples of the lighted model.)
Color: Red
Non-lighted
Lighted
Light source
• LED Lamp
• Incandescent Lamp
Contact Ratings
10 A at 110 VAC (resistive load)
10 A at 24 VDC (resistive load)
Lighting Method
Non-lighted
Lighted (without Voltage Reduction
Unit)
Lighted (with Voltage Reduction Unit)
Operation
Unit
Lamp
Switch
http://www.ia.omron.com/
1
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - A22Z-3500-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22Z-3500-2 OMRON-A22Z-3500-2 Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
More results

Similar Description - A22Z-3500-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-TG-11A OMRON-A22-TG-11A Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-10 OMRON-A22-10 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A2210 OMRON-A2210 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-TN OMRON-A22-TN Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22Z-3360 OMRON-A22Z-3360 Datasheet
4Mb / 30P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
M22-FR-6A OMRON-M22-FR-6A Datasheet
863Kb / 7P
   Round Indicator Series with 22 dia. and 25 dia. (when using a ring)
logo
Molex Electronics Ltd.
03-06-1241-V MOLEX11-03-06-1241-V Datasheet
66Kb / 1P
   .062 DIA. 25 CIRCUITS RECEPT. HOUSING
logo
Visual Communications C...
970 VCC-970 Datasheet
840Kb / 2P
   Dia Indicator Lights
logo
Bel Fuse Inc.
FC-101-22 BEL-FC-101-22 Datasheet
974Kb / 2P
   For 6.3mm Dia
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com