Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU-2929-M-10-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-2929-M-10-2
Description  Testlead, 4mm Stackable Bananas on Silicone Wire
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-2929-M-10-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-2929-M-10-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Provides hands free testing up to 3kV and 20 Amps
• Compatible with any 4mm banana jacks and can be stacked with any
non-shrouded or retractable banana plugs
• Order as BU-2929-M-XX-*, where “XX” is the length and “*” is the color
o
“XX” - Standard lengths are 10”, 20”, and 39”
o
“*” – Standard colors are 0=Black, and 2=Red
• Material:
o
Wire: 18 AWG (413/44), UL 3577, 105
°C High Flex Silocone
Jacket
o
Housing: High Temperature Nylon
o
Banana Plugs: Nickel plated Brass
• Packaged in Bulk
RoHS Compliant
Part Number:
BU-2929-M-XX-X
Description:
Testlead, 4mm Stackable
Bananas on Silicone Wire


Similar Part No. - BU-2929-M-10-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-2929-M-20-0 ETC2-BU-2929-M-20-0 Datasheet
56Kb / 1P
   Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-20-2 ETC2-BU-2929-M-20-2 Datasheet
56Kb / 1P
   Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-39-0 ETC2-BU-2929-M-39-0 Datasheet
56Kb / 1P
   Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-39-2 ETC2-BU-2929-M-39-2 Datasheet
56Kb / 1P
   Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-72-0 ETC2-BU-2929-M-72-0 Datasheet
56Kb / 1P
   Testlead, 4mm Stackable Bananas on Silicone Wire
More results

Similar Description - BU-2929-M-10-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-2929-M-39-0 ETC2-BU-2929-M-39-0 Datasheet
56Kb / 1P
   Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-72-0 ETC2-BU-2929-M-72-0 Datasheet
56Kb / 1P
   Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-20-0 ETC2-BU-2929-M-20-0 Datasheet
56Kb / 1P
   Testlead, 4mm Stackable Bananas on Silicone Wire
WI-M-18-0 ETC2-WI-M-18-0 Datasheet
84Kb / 1P
   18AWG Silicone Wire Specifications
114A ETC2-114A Datasheet
56Kb / 2P
   Silicone Insulated Equipment Wire
BU-2020-A-60-0 ETC2-BU-2020-A-60-0 Datasheet
64Kb / 1P
   Stackable Banana Plug on Both End
BU-2020-A-12-0 ETC2-BU-2020-A-12-0 Datasheet
64Kb / 1P
   Stackable Banana Plug on Both End
PP001104 ETC2-PP001104 Datasheet
281Kb / 3P
   High Temperature Silicone Wire SIAF/GL
logo
Texas Instruments
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
logo
List of Unclassifed Man...
BU-6161-M-24-0 ETC2-BU-6161-M-24-0 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com