Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP21X2MPG-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP21X2MPG-13
Description  1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP21X2MPG-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP21X2MPG-13 Datasheet HTML 1Page - Diodes Incorporated AP21X2MPG-13 Datasheet HTML 2Page - Diodes Incorporated AP21X2MPG-13 Datasheet HTML 3Page - Diodes Incorporated AP21X2MPG-13 Datasheet HTML 4Page - Diodes Incorporated AP21X2MPG-13 Datasheet HTML 5Page - Diodes Incorporated AP21X2MPG-13 Datasheet HTML 6Page - Diodes Incorporated AP21X2MPG-13 Datasheet HTML 7Page - Diodes Incorporated AP21X2MPG-13 Datasheet HTML 8Page - Diodes Incorporated AP21X2MPG-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AP2162/AP2172
1A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2162/AP2172 Rev. 5
3 of 17
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Functional Block Diagram
T herm al
S ense
Drive r
FLG 2
OU T 2
GN D
IN
EN 2
UV L O
C urrent
Lim it
D e g litch
Th erm a l
S ense
Drive r
UVL O
C u rre n t
Lim it
D e g litch
OU T 1
FL G 1
EN 1
GN D
C urrent
Se n se
C urrent
Se n se
A P 21 62 , A P 21 72
0.1uF
IN
GND
EN2
OUT1
ON
68uF
Power Supply
2.7V to 5.5V
0.1uF
OFF
FLG1
Load
10k
10k
FLG2
EN1
OUT2
68uF
0.1uF
Load
10uF
AP2172 Enable Active High
Available Options
Part Number
Channel
Enable Pin (EN)
Current Limit
(Typical)
Recommended
Maximum Continuous
Load Current
AP2162
2
Active Low
1.5A
1.0A
AP2172
2
Active High
1.5A
1.0A
Typical Application Circuit


Similar Part No. - AP21X2MPG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP21X2MPG-13 DIODES-AP21X2MPG-13 Datasheet
511Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER
AP2172 Rev. 5
AP21X2MPG-13 DIODES-AP21X2MPG-13 Datasheet
488Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER
AP2192 Rev. 6
More results

Similar Description - AP21X2MPG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2166 DIODES-AP2166 Datasheet
541Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2166/AP2176 Rev 1
AP2162 DIODES-AP2162_09 Datasheet
511Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER
AP2172 Rev. 5
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161WG-7 DIODES-AP2161WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161A DIODES-AP2161A Datasheet
1Mb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
March 2015
logo
Shenzhen Huazhimei Semi...
HM4610 HMSEMI-HM4610 Datasheet
937Kb / 9P
   1A Current Limited Load Switch
logo
Diodes Incorporated
AP2161 DIODES-AP2161_09 Datasheet
389Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2171 Rev. 6
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2142SG-13 DIODES-AP2142SG-13 Datasheet
2Mb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2161D_1009 DIODES-AP2161D_1009 Datasheet
482Kb / 17P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32250 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com