Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB859 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OPB859
Description  Slotted Optical Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OPB859 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OPB859 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPB859 Datasheet HTML 2Page - List of Unclassifed Manufacturers OPB859 Datasheet HTML 3Page - List of Unclassifed Manufacturers OPB859 Datasheet HTML 4Page - List of Unclassifed Manufacturers OPB859 Datasheet HTML 5Page - List of Unclassifed Manufacturers OPB859 Datasheet HTML 6Page - List of Unclassifed Manufacturers OPB859 Datasheet HTML 7Page - List of Unclassifed Manufacturers OPB859 Datasheet HTML 8Page - List of Unclassifed Manufacturers OPB859 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue D
12/2012
Page 4 of 10
Slotted Optical Switch
Series: OPB355, OPB360, OPB370, OPB380, OPB390
OPB859, OPB860, OPB870, OPB880, OPB890
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPB859
OPB870, OPB880, OPB890
Pin #
Emitter
Pin #
Transistor/Diode
1
Anode
3
Collector / Anode
2
Cathode
4
Emitter / Cathode
E / Clear Top
Denotes LED
S / Black Top
Denotes Sensor
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]
OPB355, OPB360, OPB370, OPB860
OPB380, OPB390


Similar Part No. - OPB859

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB859 OPTEK-OPB859 Datasheet
538Kb / 10P
   Slotted Optical Switch
logo
List of Unclassifed Man...
OPB859 ETC-OPB859 Datasheet
484Kb / 10P
   Slotted Optical Switch
OPB859 ETC-OPB859 Datasheet
479Kb / 10P
   Slotted Optical Switch
OPB859 ETC2-OPB859 Datasheet
479Kb / 10P
   0.125 (3.175 mm) slot width
OPB859 ETC2-OPB859 Datasheet
319Kb / 11P
   Slotted Optical Switch
More results

Similar Description - OPB859

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com