Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

64318-1019 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 64318-1019
Description  .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Left Wire Output,
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

64318-1019 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  64318-1019 Datasheet HTML 1Page - Molex Electronics Ltd. 64318-1019 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Application Specification
AS-64318-002, AS-64318-002-FR, AS-64318-002-SP,
AS-98420-001, AS-98420-001-FR, AS-98420-001-SP
Packaging Specification
PK-98994-001
Product Specification
PS-64318-001, PS-64321-001
Sales Drawing
SD-64318-001
Unlocking Tool
for CMC and
CMX Receptacle
Connector
0638241200
This document was generated on 12/11/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 64318-1019

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64318-1019 MOLEX-64318-1019 Datasheet
2Mb / 4P
   CMC Hybrid Connectors Standard and Power Versions
More results

Similar Description - 64318-1019

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0643181019 MOLEX1-0643181019_18 Datasheet
66Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Left Wire Output,
64318-1011 MOLEX11-64318-1011 Datasheet
95Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Receptacle, 28 Circuits, Left Wire Output,
0643181011 MOLEX1-0643181011_18 Datasheet
66Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Receptacle, 28 Circuits, Left Wire Output
64318-1018 MOLEX11-64318-1018 Datasheet
78Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Left Wire Output, Gray
0643181018 MOLEX1-0643181018_18 Datasheet
66Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Left Wire Output, Gray
64318-3018 MOLEX11-64318-3018 Datasheet
78Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Right Wire Output,
0643183011 MOLEX1-0643183011_18 Datasheet
66Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Right Wire Output
64318-3019 MOLEX11-64318-3019 Datasheet
78Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Right Wire Output,
64318-3011 MOLEX11-64318-3011 Datasheet
78Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Right Wire Output,
0643183019 MOLEX1-0643183019_18 Datasheet
66Kb / 2P
   .635mm, 1.50mm, 2.80mm, Power CMC Connector, 28 Circuits, Right Wire Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com