Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC559BTA Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BC559BTA
Description  PNP Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC559BTA Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BC559BTA Datasheet HTML 1Page - Fairchild Semiconductor BC559BTA Datasheet HTML 2Page - Fairchild Semiconductor BC559BTA Datasheet HTML 3Page - Fairchild Semiconductor BC559BTA Datasheet HTML 4Page - Fairchild Semiconductor BC559BTA Datasheet HTML 5Page - Fairchild Semiconductor BC559BTA Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC556 / BC557 / BC558 / BC559 / BC560 Rev. 1.1.0
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
hFE Classification
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
BC556
-80
V
BC557 / BC560
-50
BC558 / BC559
-30
VCEO
Collector-Emitter Voltage
BC556
-65
V
BC557 / BC560
-45
BC558 / BC559
-30
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current (DC)
-100
mA
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-Off Current
VCB = -30 V, IE = 0
-15
nA
hFE
DC Current Gain
VCE = -5 V, IC = -2 mA
110
800
VCE(sat)
Collector-Emitter Saturation
Voltage
IC = -10 mA, IB = -0.5 mA
-90
-300
mV
IC = -100 mA, IB = -5 mA
-250
-650
VBE(sat)
Collector-Base Saturation Voltage
IC = -10 mA, IB = -0.5 mA
-700
mV
IC = -100 mA, IB = -5 mA
-900
VBE(on)
Base-Emitter On Voltage
VCE = -5 V, IC = -2 mA
-600
-660
-750
mV
VCE = -5 V, IC = -10 mA
-800
fT
Current Gain Bandwidth Product
VCE = -5 V, IC = -10 mA,
f = 10 MHz
150
MHz
Cob
Output Capacitance
VCB = -10 V, IE = 0, f = 1 MHz
6
pF
NF
Noise
Figure
BC556 / BC557 / BC558 V
CE = -5 V, IC = -200 μA,
f = 1 kHz, RG = 2 kΩ
210
dB
BC559 / BC560
1
4
BC559
VCE = -5 V, IC = -200 μA,
RG = 2 kΩ, f = 30 to 15000 MHz
1.2
4.0
BC560
1.2
2.0
Classification
A
B
C
hFE
110 ~ 220
200 ~ 450
420 ~ 800


Similar Part No. - BC559BTA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC559BTA FAIRCHILD-BC559BTA Datasheet
151Kb / 4P
   PNP Epitaxial Silicon Transistor
BC559BTA FAIRCHILD-BC559BTA Datasheet
142Kb / 6P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - BC559BTA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com