Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T53 Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part # T53
Description  Precision Miniature TCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

T53 Datasheet(HTML) 2 Page - EUROQUARTZ limited

  T53 Datasheet HTML 1Page - EUROQUARTZ limited T53 Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
PART NUMBERING
Example:
T53-T57-C-3.3-LG-A-20.0MHz
T53 - T57 - C - 3.3 - LG - A - 20.0MHz
Model number - Stability - Output - Supply V - Gsense- Shock - Frequency
Precision Miniature TCXO
T53 TCXO
10.0MHz to 50.0MHz
Page 2 of 2
RECOMMENDED OUTPUT CONFIGURATIONS
CMOS OUTPUT (DC COUPLED)
CLIPPED SINE WAVE OUTPUT (AC COUPLED)


Similar Part No. - T53

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T53 VISHAY-T53 Datasheet
102Kb / 5P
   5 mm Through Hole Trimmer Single-Turn Cermet
Revision: 12-Jan-17
T53 VISHAY-T53 Datasheet
84Kb / 5P
   5 mm Through Hole Trimmer Single-Turn Cermet
01-Jan-2022
logo
List of Unclassifed Man...
T530 ETC1-T530 Datasheet
244Kb / 2P
   Professional Thermal Imaging Cameras
logo
Kemet Corporation
T530D157M010AE006 KEMET-T530D157M010AE006 Datasheet
220Kb / 2P
   POLYMER TANTALUM CHIP CAPACITORS
T530D157M010AH4096 KEMET-T530D157M010AH4096 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
More results

Similar Description - T53

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
C31020.0M CONNOR-WINFIELD-C31020.0M Datasheet
90Kb / 2P
   Ultra-Miniature Precision TCXO / VCTCXO
M602-012.8M CONNOR-WINFIELD-M602-012.8M Datasheet
186Kb / 4P
   Precision Sub-Miniature 5.0x3.2mm TCXO / VCTCXO
M77F-010.0M CONNOR-WINFIELD-M77F-010.0M Datasheet
170Kb / 4P
   Precision Sub-Miniature 3.2x5.0mm TCXO / VCTCXO
D53G-020.0M CONNOR-WINFIELD-D53G-020.0M Datasheet
181Kb / 2P
   Sub-Miniature Precision 5.0x3.2mm Clipped Sinewave TCXO
D32G CONNOR-WINFIELD-D32G_09 Datasheet
166Kb / 2P
   Sub-Miniature Precision 3.2x2.5mm Clipped Sinewave TCXO
D32G-016.368M CONNOR-WINFIELD-D32G-016.368M Datasheet
160Kb / 2P
   Sub-Miniature Precision 3.2x2.5mm Clipped Sinewave TCXO
logo
Vectron International, ...
OSC-3B2 VECTRON-OSC-3B2 Datasheet
277Kb / 4P
   Ultra Miniature TCXO
logo
QUARTZCOM the communica...
TX7-252 QUARTZCOM-TX7-252_11 Datasheet
117Kb / 1P
   Miniature SMD TCXO
logo
Abracon Corporation
ATXK-H14 ABRACON-ATXK-H14 Datasheet
557Kb / 6P
   32.768kHz Miniature TCXO
06-13-22
logo
Connor-Winfield Corpora...
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com