Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X32 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # X32
Description  3.2 x 2.5 x 0.7mm SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

X32 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  X32 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
OUTLINE & DIMENSIONS
PART NUMBER GENERATION
Part numbers for X32 crystals are generated as follows:
16.000MHz X32/10/10/-10+60/12pF/80R
X32 CRYSTALS
3.2 x 2.5 x 0.7mm SMD
12.0MHz to 60MHz
Example:
Nominal Frequency
Package
Calibration tolerance
at 25°C (±ppm)
Temperature Stability
over temp. range (±ppm)
Operating Temp. Range (°C)
(Lower and upper limits)
Load Capacitance
(Either SR for series or CL in pF)
Equivalent Series Resistance
(Optional - use when special
value is required)
DESCRIPTION
MT crystals are ultra-miniature AT-cut crystals covering the frequency
range 12MHz to 60MHz in fundamental mode. Their small size and low
mass makes these crystals ideal for miniaturized hand-held equipment
and similar high-density applications.
Frequency range 12MHz to 60MHz, fundamental mode
Ultra-small package 3.2mm x 2.5mm x 0.6mm
Entire package may be grounded via metal lid and two pads
Packaged in standard EIA tape and reel
Extremely low ageing with high shock and vibration resistance
Ideal for PDAs, hand-held GPS, PCMCIA etc.
16.0000
12
X32-16000-12
30/50/-20+70/100R
16.3840
12
X32-16384-12
30/50/-20+70/100R
20.0000
12
X32-20000-12
30/50/-20+70/100R
20.5720
12
X32-20572-12
30/50/-20+70/60R
20.9450
12
X32-20945-12
30/50/-20+70/60R
24.5500
12
X32-24550-12
30/50/-20+70/60R
24.5760
12
X32-24576-12
30/50/-20+70/60R
29.4912
12
X32-29491-12
30/50/-20+70/60R
32.0000
12
X32-32000-12
30/50/-20+70/60R
32.7680
12
X32-32768-12
30/50/-20+70/60R
40.0000
12
X32-40000-12
30/50/-20+70/60R
48.0000
12
X32-48000-12
30/50/-20+70/60R
50.0000
12
X32-50000-12
30/50/-20+70/60R
Frequency
(MHz)
CL
(pF)
Euroquartz
Part Number
STANDARD PART NUMBERS AND SPECIFICATIONS
Tolerance (±ppm)/
Stability (±ppm)/
Temp. Range (°C)/
Max. ESR (Ohms)
Frequency Range:
12.0MHz to 60.0MHz
Operating Mode:
AT-Cut Fundamental:
Calibration Tolerance at 25ºC*:
from ±5ppm
(±10, ±20 or ±30ppm standard)
Frequency stability*
-10° to +60°C
from ±5ppm
-20° to +70°C
from ±10ppm
-40° to +85°C
from ±15ppm
Storage Temperature:
-50°~+105°C
Equivalent Series Resistance*
12.000MHz to 20.000MHz: 100Ω maximum
20.001MHz to 60.000MHz: 60Ω maximum
Shunt Capacitance (C0):
2pF to 4pF typical, 5pF maximum
Load Capacitance (CL):
Series or from 8pF to 32pF
(Customer specified CL)
Ageing:
<±3ppm per year at +25°C
Drive level:
10µW typical, 100µW maximum
Reflow Soldering:
10s maximum at 260°C twice
or 180s at 230°C, once.
Packaging:
12mm EIA tape and reel
SPECIFICATION
*Note: Tighter stability, tolerance and lower ESR values are available.
FEATURES


Similar Part No. - X32

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
X32 MERCURY-X32 Datasheet
35Kb / 1P
   Surface Mount Crystals
logo
EUROQUARTZ limited
X32-W EUROQUARTZ-X32-W Datasheet
135Kb / 1P
   3.2 x 2.5 x 0.7mm SMD
logo
Unisonic Technologies
X3211 UTC-X3211 Datasheet
188Kb / 12P
   LINEAR INTEGRATED CIRCUIT
logo
Mercury United Electron...
X3215 MERCURY-X3215 Datasheet
135Kb / 2P
   3.2x1.5x0.8 mm 32.768 KHz Tuning Fork Surface Mount Crystal
logo
EUROQUARTZ limited
X3215 EUROQUARTZ-X3215 Datasheet
167Kb / 1P
   3.2 x 1.5 x 0.8mm Micro-miniature SMD
More results

Similar Description - X32

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
MT EUROQUARTZ-MT Datasheet
106Kb / 1P
   3.2 x 2.5 x 0.7mm SMD
X32-W EUROQUARTZ-X32-W Datasheet
135Kb / 1P
   3.2 x 2.5 x 0.7mm SMD
MT1010 EUROQUARTZ-MT1010 Datasheet
223Kb / 1P
   3.2 x 2.5 x 0.7mm SMD
logo
Transko Electronics, In...
CX32 TRANSKO-CX32 Datasheet
312Kb / 2P
   MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 0: 11-12-2020
CS32 TRANSKO-CS32 Datasheet
196Kb / 1P
   MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 8: 10-10-19
logo
EUROQUARTZ limited
XO32 EUROQUARTZ-XO32 Datasheet
240Kb / 1P
   3.2 x 2.5 x 0.95mm SMD HCMOS
XOB32 EUROQUARTZ-XOB32 Datasheet
207Kb / 2P
   3.2 x 2.5 x 0.95mm SMD HCMOS
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
   3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
logo
EUROQUARTZ limited
XON-3200VHG EUROQUARTZ-XON-3200VHG Datasheet
175Kb / 1P
   3.2 x 2.5 x 0.9mm SMD - Clipped Sinewave
logo
Transko Electronics, In...
TIP32 TRANSKO-TIP32 Datasheet
458Kb / 1P
   MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 3: Aug. 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com