Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

64319-1219 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 64319-1219
Description  .635mm, 1.50mm, CMC Receptacle, 32 Circuits, Left Wire Output, Brown Coding, Mat
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

64319-1219 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  64319-1219 Datasheet HTML 1Page - Molex Electronics Ltd. 64319-1219 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
64319-1219
Status:
Active
Overview:
CMC Sealed, Hybrid, Modular Connectors and Headers
Description:
.635mm, 1.50mm, CMC Receptacle, 32 Circuits, Left Wire Output, Brown Coding, Mat
Sealed
Documents:
3D Model
Application Specification AS-64319-002-SP (PDF)
Drawing (PDF)
Application Specification AS-98420-002 (PDF)
Product Specification PS-64319-001 (PDF)
Application Specification AS-98420-002-CH (PDF)
Product Specification PS-64319-002 (PDF)
Application Specification AS-98420-002-FR (PDF)
Application Specification AS-64319-002 (PDF)
Application Specification AS-98420-002-SP (PDF)
Application Specification AS-64319-002-CH (PDF)
Packaging Specification PK-64319-001 (PDF)
Application Specification AS-64319-002-FR (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
64319
Application
Power, Wire-to-Board
Application Tooling Part Link
63812-1100
Application Tooling Part Link
63824-1200
Comments
Current tested on a 5 terminals loaded connector,
current for temperature increase of 40°C . Current max
= 6.0A for 0.635mm Terminal (0.75mm² wire) and 12.0A
for 1.50mm Terminal (2.00mm² wire)
More Detailed Tech Information
Sealed, high-density, modular connecting system for
Power Train and Body Electronics applications in cars,
trucks, busses
Overview
CMC Sealed, Hybrid, Modular Connectors and Headers
Product Name
CMC
UPC
883906129767
Physical
Circuits (maximum)
32
Circuits Detail
8 x 1.5mm & 24 x 0.635mm terminals
Color - Resin
Brown
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
29.426/g
Number of Rows
4
Packaging Type
Carton
Panel Mount
No
Pitch - Mating Interface
2.54mm, 3.70mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
12A, 6A
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
64319Series
Mates With
64334-0300 32-Circuit CMC header
Use With
CMC CP Terminals 64322 , 64323. CMC
Wire Cap 64319-1201. Sealing Plugs
64325-1010 , 64325-1023 , 64334-0300
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Continuity Test Pen
Assembly
0638121100
Unlocking Tool
for CMC and
CMX Receptacle
Connector
0638241200


Similar Part No. - 64319-1219

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64319-1219 MOLEX-64319-1219 Datasheet
2Mb / 4P
   CMC Hybrid Connectors Standard and Power Versions
More results

Similar Description - 64319-1219

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0643191219 MOLEX1-0643191219_18 Datasheet
59Kb / 2P
   .635mm, 1.50mm, CMC Receptacle, 32 Circuits, Left Wire Output, Brown Coding, Mat Sealed
64320-2319 MOLEX11-64320-2319 Datasheet
60Kb / 2P
   .635mm, 1.50mm, CMC Receptacle, 36 Circuits, Left Wire Output, Brown Coding, Mat
64320-1319 MOLEX11-64320-1319 Datasheet
61Kb / 2P
   .635mm, 1.50mm, CMC Receptacle, 48 Circuits, Left Wire Output, Brown Coding, Mat
64319-3219 MOLEX11-64319-3219 Datasheet
66Kb / 2P
   .635mm, 1.50mm, CMC Receptacle, 32 Circuits, Right Wire Output, Brown Coding, Mat
64319-1216 MOLEX11-64319-1216 Datasheet
66Kb / 2P
   .635mm, 1.50mm, CMC Receptacle, 32 Circuits, Left Wire Output, Blue Coding, Mat
64319-1211 MOLEX11-64319-1211 Datasheet
69Kb / 3P
   .635mm, 1.50mm, CMC Receptacle, 32 Circuits, Left Wire Output, Black Coding, Mat
64319-1218 MOLEX11-64319-1218 Datasheet
66Kb / 2P
   .635mm, 1.50mm, CMC Receptacle, 32 Circuits, Left Wire Output, Gray Coding, Mat
0643193219 MOLEX1-0643193219_18 Datasheet
59Kb / 2P
   .635mm, 1.50mm, CMC Receptacle, 32 Circuits, Right Wire Output, Brown Coding, Mat Sealed
0643191211 MOLEX1-0643191211_18 Datasheet
59Kb / 2P
   .635mm, 1.50mm, CMC Receptacle, 32 Circuits, Left Wire Output, Black Coding, Mat Sealed
0643191218 MOLEX1-0643191218_18 Datasheet
59Kb / 2P
   .635mm, 1.50mm, CMC Receptacle, 32 Circuits, Left Wire Output, Gray Coding, Mat Sealed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com