Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTN8960TAAUMA1 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTN8960TAAUMA1
Description  High Current PN Half Bridge NovalithIC?
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTN8960TAAUMA1 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTN8960TAAUMA1 Datasheet HTML 5Page - Infineon Technologies AG BTN8960TAAUMA1 Datasheet HTML 6Page - Infineon Technologies AG BTN8960TAAUMA1 Datasheet HTML 7Page - Infineon Technologies AG BTN8960TAAUMA1 Datasheet HTML 8Page - Infineon Technologies AG BTN8960TAAUMA1 Datasheet HTML 9Page - Infineon Technologies AG BTN8960TAAUMA1 Datasheet HTML 10Page - Infineon Technologies AG BTN8960TAAUMA1 Datasheet HTML 11Page - Infineon Technologies AG BTN8960TAAUMA1 Datasheet HTML 12Page - Infineon Technologies AG BTN8960TAAUMA1 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
High Current PN Half Bridge
BTN8960TA
Block Description and Characteristics
Data Sheet
9
Rev. 1.0, 2013-01-31
5
Block Description and Characteristics
5.1
Supply Characteristics
Figure 5
Typical Quiescent Current vs. Junction Temperature
V
S = 8 V to 18 V, Tj = -40 °C to +150 °C, IL = 0 A, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
General
5.1.1
Supply Current
I
VS(on)
–2.2
3.3
mA
V
INH = 5 V
V
IN = 0V or 5V
R
SR = 0 Ω
DC-mode
normal operation
(no fault condition)
5.1.2
Quiescent Current
I
VS(off)
–7
13
µA
V
INH = 0 V
V
IN = 0V or 5V
T
j < 85 °C
1)
1) Not subject to production test, specified by design
––
65
µA
V
INH = 0 V
V
IN = 0V or 5V
T [°C]
Vs = 18V
Vs = 14V
Vs = 8V


Similar Part No. - BTN8960TAAUMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTN8960 INFINEON-BTN8960 Datasheet
6Mb / 94P
   High Current PN Half Bridge
Rev. 0.6 2017-02-21
More results

Similar Description - BTN8960TAAUMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTN7933B INFINEON-BTN7933B Datasheet
737Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7975B INFINEON-BTN7975B Datasheet
709Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, March 2009
BTN7963B INFINEON-BTN7963B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7930 INFINEON-BTN7930 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7970 INFINEON-BTN7970 Datasheet
780Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7973B INFINEON-BTN7973B Datasheet
735Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 1.0, Sept. 2009
BTN7960 INFINEON-BTN7960 Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC
Rev. 1.1, Nov. 2007
BTN7971B INFINEON-BTN7971B Datasheet
696Kb / 26P
   High Current PN Half Bridge NovalithIC
Rev. 2.0, June 2008
BTN7930P INFINEON-BTN7930P Datasheet
784Kb / 28P
   High Current PN Half Bridge NovalithIC?
Rev. 1.1, Nov. 2007
BTN8982TA INFINEON-BTN8982TA Datasheet
1Mb / 26P
   High Current PN Half Bridge
Rev. 1.0, 2013-05-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com