Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9K18-40E115 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK9K18-40E115
Description  Dual N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK9K18-40E115 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUK9K18-40E115 Datasheet HTML 2Page - NXP Semiconductors BUK9K18-40E115 Datasheet HTML 3Page - NXP Semiconductors BUK9K18-40E115 Datasheet HTML 4Page - NXP Semiconductors BUK9K18-40E115 Datasheet HTML 5Page - NXP Semiconductors BUK9K18-40E115 Datasheet HTML 6Page - NXP Semiconductors BUK9K18-40E115 Datasheet HTML 7Page - NXP Semiconductors BUK9K18-40E115 Datasheet HTML 8Page - NXP Semiconductors BUK9K18-40E115 Datasheet HTML 9Page - NXP Semiconductors BUK9K18-40E115 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NXP Semiconductors
BUK9K18-40E
Dual N-channel TrenchMOS logic level FET
BUK9K18-40E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
23 April 2013
6 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VGS = 10 V; ID = 10 A; Tj = 25 °C;
Fig. 12
-
13.5
16
Dynamic characteristics FET1 and FET2
QG(tot)
total gate charge
ID = 10 A; VDS = 32 V; VGS = 10 V;
Tj = 25 °C; Fig. 14; Fig. 15
-
14.5
-
nC
QGS
gate-source charge
-
2
-
nC
QGD
gate-drain charge
ID = 10 A; VDS = 32 V; VGS = 10 V;
Tj = 25 °C; Fig. 14
-
3
-
nC
Ciss
input capacitance
-
796
1061
pF
Coss
output capacitance
-
137
164
pF
Crss
reverse transfer
capacitance
VGS = 0 V; VDS = 25 V; f = 1 MHz;
Tj = 25 °C; Fig. 16
-
82
112
pF
td(on)
turn-on delay time
-
4
-
ns
tr
rise time
-
4.6
-
ns
td(off)
turn-off delay time
-
17.5
-
ns
tf
fall time
VDS = 32 V; RL = 3.3 Ω; VGS = 10 V;
RG(ext) = 5 Ω; Tj = 25 °C; ID = 10 A
-
9.9
-
ns
Source-drain diode FET1 and FET2
VSD
source-drain voltage
IS = 10 A; VGS = 0 V; Tj = 25 °C; Fig. 17
-
0.78
1.2
V
trr
reverse recovery time
-
23.7
-
ns
Qr
recovered charge
IS = 10 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 20 V; Tj = 25 °C
-
16.8
-
nC
003aaj631
0
10
20
30
40
0
10
20
30
40
ID(A)
gfs
(S)
Fig. 6. Forward transconductance as a function of
drain current; typical values
003aaj630
0
30
60
90
0
2.5
5
7.5
10
VGS(V)
RDSon
(mΩ)
Fig. 7. Drain-source on-state resistance as a function
of gate-source voltage; typical values


Similar Part No. - BUK9K18-40E115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9K18-40E NXP-BUK9K18-40E Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
logo
Nexperia B.V. All right...
BUK9K18-40E NEXPERIA-BUK9K18-40E Datasheet
732Kb / 13P
   Dual N-channel 40 V, 19.5 mΩ logic level MOSFET
16 March 2016
logo
NXP Semiconductors
BUK9K18-40E PHILIPS-BUK9K18-40E_15 Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
More results

Similar Description - BUK9K18-40E115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9K29-100E PHILIPS-BUK9K29-100E_15 Datasheet
313Kb / 13P
   Dual N-channel TrenchMOS logic level FET
28 March 2013
BUK9K45-100E PHILIPS-BUK9K45-100E_15 Datasheet
308Kb / 13P
   Dual N-channel TrenchMOS logic level FET
26 March 2013
logo
Nexperia B.V. All right...
PHKD6N02LT NEXPERIA-PHKD6N02LT Datasheet
748Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 04 - 27 April 2010
logo
NXP Semiconductors
PHN203 NXP-PHN203 Datasheet
204Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 05-27 April 2010
logo
Nexperia B.V. All right...
BUK9K6R2-40E NEXPERIA-BUK9K6R2-40E Datasheet
739Kb / 13P
   Dual N-channel TrenchMOS logic level FET
PHKD13N03LT NEXPERIA-PHKD13N03LT Datasheet
781Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 5 - 27 December 2011
logo
NXP Semiconductors
BUK9K6R2-40E PHILIPS-BUK9K6R2-40E_15 Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
BUK9K89-100E PHILIPS-BUK9K89-100E_15 Datasheet
296Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
BUK9K18-40E NXP-BUK9K18-40E Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
PHKD6N02LT NXP-PHKD6N02LT Datasheet
181Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 04-27 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com