Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH66SN3R3M03 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH66SN3R3M03
Description  Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH66SN3R3M03 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH66SN3R3M03 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH66SN3R3M03 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Wire Wound Type for Choke)
2011.11.2
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH66S Series (2525 Size)
c Dimensions
6.3±0.3
6.3±0.3
6.3±0.3
(in mm)
1.7
min.
1.3
min.
1.3
min.
c Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
350
K
330mm Embossed Tape
1500
c Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency
Rated Current
DC Resistance
Self Resonance Frequency (min.)
LQH66SNR27M03
p
0.27µH ±20%
1MHz
6000mA
0.007ohm ±40%
300MHz
LQH66SNR68M03
p
0.68µH ±20%
1MHz
5300mA
0.010ohm ±40%
180MHz
LQH66SN1R0M03
p
1.0µH ±20%
1MHz
4700mA
0.013ohm ±40%
150MHz
LQH66SN1R5M03
p
1.5µH ±20%
1MHz
3800mA
0.016ohm ±40%
110MHz
LQH66SN2R2M03
p
2.2µH ±20%
1MHz
3300mA
0.019ohm ±40%
80MHz
LQH66SN3R3M03
p
3.3µH ±20%
1MHz
2600mA
0.022ohm ±40%
40MHz
LQH66SN4R7M03
p
4.7µH ±20%
1MHz
2200mA
0.025ohm ±40%
30MHz
LQH66SN6R8M03
p
6.8µH ±20%
1MHz
1800mA
0.029ohm ±40%
25MHz
LQH66SN100M03
p
10µH ±20%
1MHz
1600mA
0.036ohm ±40%
20MHz
LQH66SN150M03
p
15µH ±20%
1MHz
1300mA
0.069ohm ±40%
17MHz
LQH66SN220M03
p
22µH ±20%
1MHz
1100mA
0.087ohm ±40%
15MHz
LQH66SN330M03
p
33µH ±20%
1MHz
860mA
0.14ohm ±40%
12MHz
LQH66SN470M03
p
47µH ±20%
1MHz
760mA
0.17ohm ±40%
10MHz
LQH66SN680M03
p
68µH ±20%
1MHz
600mA
0.29ohm ±40%
7.6MHz
LQH66SN101M03
p
100µH ±20%
100kHz
520mA
0.36ohm ±40%
6.5MHz
LQH66SN151M03
p
150µH ±20%
100kHz
420mA
0.63ohm ±40%
5.0MHz
LQH66SN221M03
p
220µH ±20%
100kHz
350mA
0.79ohm ±40%
4.0MHz
LQH66SN331M03
p
330µH ±20%
100kHz
280mA
1.8ohm ±40%
3.2MHz
LQH66SN471M03
p
470µH ±20%
100kHz
240mA
2.2ohm ±40%
2.5MHz
LQH66SN681M03
p
680µH ±20%
100kHz
200mA
3.9ohm ±40%
2.0MHz
LQH66SN102M03
p
1000µH ±20%
10kHz
160mA
4.9ohm ±40%
1.7MHz
LQH66SN222M03
p
2200µH ±20%
10kHz
100mA
9.4ohm ±40%
1.2MHz
LQH66SN472M03
p
4700µH ±20%
10kHz
70mA
19.5ohm ±40%
0.8MHz
LQH66SN103M03
p
10000µH ±20%
10kHz
50mA
39.7ohm ±40%
0.5MHz
Class of Magnetic Shield: Magnetic shield of ferrite
Operating Temperature Range (Self-temperature rise is not included): -40 to +80°C
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQH66SN3R3M03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH66SN3R3M03 MURATA-LQH66SN3R3M03 Datasheet
49Kb / 2P
   Chip Coils for Choke Large Current Type
More results

Similar Description - LQH66SN3R3M03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH55DN102M03L MURATA-LQH55DN102M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN1R0M03L MURATA-LQH55DN1R0M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQW18CN85NJ00D MURATA-LQW18CN85NJ00D Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH32CN220K23L MURATA-LQH32CN220K23L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN100K03L MURATA-LQH43CN100K03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN2R2M03L MURATA-LQH55DN2R2M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN1R0M03L MURATA-LQH43CN1R0M03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN680K03L MURATA-LQH43CN680K03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN100M03L MURATA-LQH55DN100M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH32CN1R0M53L MURATA-LQH32CN1R0M53L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke) LQH32C_53 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com