Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTS-5303AP Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTS-5303AP
Description  0.56 Seven-Segment Numeric LED Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-5303AP Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTS-5303AP Datasheet HTML 1Page - Lite-On Technology Corporation LTS-5303AP Datasheet HTML 2Page - Lite-On Technology Corporation LTS-5303AP Datasheet HTML 3Page - Lite-On Technology Corporation LTS-5303AP Datasheet HTML 4Page - Lite-On Technology Corporation LTS-5303AP Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
9-156
Typical Electrical/Optical Characteristic Curves
(25
Ambient Temperature Unless Otherwise Noted)
LTS-5701AY/5703AY/LTD-5721AY/5723AY/LTC-5653Y-01/5753Y-01
Parameter
Symbol
Min.
Typ.
Max.
Unit
Tset Condition
Average Luminous Intensity
Peak Emission Wavelength
Spectral Line Half-Width
Dominant Wavelength
Forward Voltage, Per Segment or D.P.
Reverse Current, Per Segment or D.P.
Luminous Intensity Matching Ratio
I V
P
d
VF
IR
IV-m
800
2400
585
35
588
2.1
2.6
100
2:1
cd
nm
nm
nm
V
A
IF=10mA
IF=20mA
IF=20mA
IF=20mA
IF=20mA
VR=5V
IF=10mA
Note: Luminous intensity is measured with a light sensor and filter combination that appoximates the CIE (Commision
Internationale De L'Eclairage)eye-response curve.
14-5x01a.p65
2000/7/11, ¤U¤È 06:55
Page 156
Adobe PageMaker 6.5C/Win


Similar Part No. - LTS-5303AP

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-5301AP LITEON-LTS-5301AP Datasheet
345Kb / 6P
   LED Display
More results

Similar Description - LTS-5303AP

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTD-5521AE LITEON-LTD-5521AE Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTS-5603AG LITEON-LTS-5603AG Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTD-5623AG LITEON-LTD-5623AG Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
logo
NTE Electronics
NTE3078 NTE-NTE3078 Datasheet
25Kb / 2P
   0.56??Single Digit Numeric Display Seven Segment, RHDP
logo
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
   SEVEN SEGMENT NUMERIC DISPLAY
logo
LUMEX INC.
LDC-N5616NI LUMEX-LDC-N5616NI Datasheet
60Kb / 1P
   0.56 QUAD DIGIT, SEVEN SEGMENT, LED CLOCK DISPLAY
LDD-A5643RI LUMEX-LDD-A5643RI Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDT-A514RI LUMEX-LDT-A514RI Datasheet
107Kb / 1P
   0.56 TRIPLE DIGIT, SEVEN SEGMENT DISPLAY
LDD-A513RI LUMEX-LDD-A513RI Datasheet
60Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
LDD-A514RE LUMEX-LDD-A514RE Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com