Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELKEA471FA Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELKEA471FA
Description  Coil type EMI Filters (Digital Noise Filters)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELKEA471FA Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELKEA471FA Datasheet HTML 1Page - Panasonic Semiconductor ELKEA471FA Datasheet HTML 2Page - Panasonic Semiconductor ELKEA471FA Datasheet HTML 3Page - Panasonic Semiconductor ELKEA471FA Datasheet HTML 4Page - Panasonic Semiconductor ELKEA471FA Datasheet HTML 5Page - Panasonic Semiconductor ELKEA471FA Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Coil type EMI Filters
Month Code : 1 Letter
Inner Capacitance : 3 Letters
Top
View
Side
View
LL
C
SG
VV
1
10
100
1000
10000
-60
-50
-40
-30
-20
-10
0
10
Frequency (MHz)
100
220
470
101
221
471
102
222
103
333
Large Current Coil type EMI Filters (Digital Noise Filters)
SMD
Type:
ELKEA
Features
● 3218 case size, 6 A rated current.
● No variation in attenuation characteristics as current
changes.
● The stable P/N marking using laser technology makes
the part number check easier.
● RoHS compliant
Part No.
Cut off frequency
(MHz)
Inner Capacitance
(pF typ.)
Rated
Voltage
(V)
Rated
Current
(A)
Indication
min.
Packaging
unit (pcs.)
ELKEA100FA
500
10
50
6.0
100
Indication 2
2000
ELKEA220FA
300
22
220
ELKEA470FA
150
47
470
ELKEA101FA
70
100
101
ELKEA221FA
30
220
221
ELKEA471FA
15
470
471
ELKEA102FA
7
1000
102
ELKEA222FA
3
2200
222
ELKEA103FA
0.5/DC
10000
103
Indication 1
ELKEA333FA
0.2/DC
33000
25
333
Indication 2
Typical Specification
● Operating temperature
: –40 to +85 °C
● Rated Voltage
: DC 50 V (Except ELKEA333FA : DC25 V)
● Rated Current
: DC 6 A
Standard Parts
note1 : 4th letter (
□) of marking indicates the Month Code.
note2 : Indication 1, 2 refer to Indication examples.
Indication Examples
Performance characteristics (Reference)
Equivalent circuit, measurement block diagram
May. 2013
02
36


Similar Part No. - ELKEA471FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELKEA471FA PANASONIC-ELKEA471FA Datasheet
178Kb / 6P
   Coil type EMI Filters
ELKEA471FA PANASONIC-ELKEA471FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
ELKEA471FA PANASONIC-ELKEA471FA Datasheet
141Kb / 6P
   Coil type EMI Filters
More results

Similar Description - ELKEA471FA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELK-E333FA PANASONIC-ELK-E333FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
ELKEA100FA PANASONIC-ELKEA100FA Datasheet
178Kb / 6P
   Coil type EMI Filters
ELK-E103FA PANASONIC-ELK-E103FA Datasheet
141Kb / 6P
   Coil type EMI Filters
ELK-EA333FA PANASONIC-ELK-EA333FA Datasheet
141Kb / 6P
   Coil type EMI Filters
ELKE PANASONIC-ELKE Datasheet
133Kb / 2P
   Coil type EMI Filters (DNF)
logo
Okaya Electric America,...
RZR-6815N OKAYA-RZR-6815N Datasheet
80Kb / 1P
   NOISE FILTERS
logo
Crydom Inc.,
1F25 CRYDOM-1F25 Datasheet
555Kb / 3P
   EMI noise suppression filters for SSRs
logo
NEC
LF-3100SF-1020 NEC-LF-3100SF-1020 Datasheet
3Mb / 51P
   Noise Filters
logo
KOA Speer Electronics, ...
KC1JLTD KOA-KC1JLTD Datasheet
116Kb / 8P
   Noise Filters
logo
Crydom Inc.,
1F25 CRYDOM-1F25_18 Datasheet
470Kb / 3P
   EMI noise suppression filters for SSRs in
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com