Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU-5231-A-4-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-5231-A-4-2
Description  BNC Female Breakout Insulated Mini-Alligator Clips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-5231-A-4-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-5231-A-4-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9
Mueller Electric Company
ISO 9
Mueller Electric Company
ISO 9
Mueller Electric Company
ISO 9001:2000
001:2000
001:2000
001:2000
TEL.
TEL.
TEL.
TEL. 800
800
800
800-
-
-
-955
955
955
955-
-
-
-2629
2629
2629
2629
1625 E. 31
1625 E. 31
1625 E. 31
1625 E. 31st
st
st
st
Street
Street
Street
Street
Over 95 Years Of Innovation
TEL. 216
Over 95 Years Of Innovation
TEL. 216
Over 95 Years Of Innovation
TEL. 216
Over 95 Years Of Innovation
TEL. 216-
-
-
-771
771
771
771-
-
-
-5225
5225
5225
5225
C
C
C
Clllle
e
e
ev
vv
ve
e
e
elllla
a
a
an
n
n
nd
d
d
d,,,, O
O
O
Oh
h
h
hiiiio
o
o
o 4
4
4
44
4
4
41
1
1
11
1
1
14
4
4
4
w
w
w
ww
w
w
ww
w
w
w....m
m
m
mu
u
u
ue
e
e
elllllllle
e
e
errrre
e
e
elllle
e
e
ec
cc
cttttrrrriiiic
cc
c....c
cc
co
o
o
om
m
m
m
F
FF
FA
A
A
AX
X
X
X.... 2
2
2
21
1
1
16
6
6
6-
-
-
-7
7
7
77
7
7
71
1
1
1-
-
-
-3
3
3
30
0
0
06
6
6
68
8
8
8
• BNC Female Breakout Insulated Mini-Alligator Clips
• Material: BNC Female Connector: quality tarnish-resistant, plated brass
with a gold-plated brass center contact, ABS housing; Clip: Mueller No.
BU-30 with No. BU-31-X insulators; Hook –up Wire: #20 AWG (41/36)
tinned copper with 105
°C PVC insulator
• *Std. Colors: -0 Black, -2 Red
• Rating: Hands free testing at 300 VRMS, 10 Amps
• RoHS Compliant
Part Number: BU-5231-A-4-0(RS# 1759365)
Description:
BNC Female Breakout
1409
Insulated Mini-Alligator Clips


Similar Part No. - BU-5231-A-4-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-5200-A-4-0 ETC2-BU-5200-A-4-0 Datasheet
86Kb / 1P
   BNC Female Breakout to Tinned End Wires
BU-5214-A-4-0 ETC2-BU-5214-A-4-0 Datasheet
88Kb / 1P
   BNC Female Breakout to Mini Micro Grabbers
BU-5220-A-4-0 ETC2-BU-5220-A-4-0 Datasheet
87Kb / 1P
   BNC Female Breakout to Stackable Single Banana Plug
BU-5244-A-4-0 ETC2-BU-5244-A-4-0 Datasheet
87Kb / 1P
   BNC Female Breakout to Stackable Pin Plug
More results

Similar Description - BU-5231-A-4-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-5131-A-4-0 ETC2-BU-5131-A-4-0 Datasheet
93Kb / 1P
   BNC Male Breakout Insulated Mini-Alligator Clips
logo
Pasternack Enterprises,...
PE9909 PASTERNACK-PE9909 Datasheet
109Kb / 1P
   BREAKOUT, BNC FEMALE TO STADARD ALLIGATOR CLIPS
PE9910 PASTERNACK-PE9910 Datasheet
109Kb / 1P
   BREAKOUT, BNC FEMALE TO MINIATURE ALLIGATOR CLIPS
logo
Pomona Electronics
2630 POMONA-2630 Datasheet
24Kb / 1P
   Breakout: BNC (Female) To Alligator Test Clips
logo
Pasternack Enterprises,...
PE9900 PASTERNACK-PE9900 Datasheet
109Kb / 1P
   BREAKOUT, BNC MALE TO STANDARD ALLIGATOR CLIPS
PE9901 PASTERNACK-PE9901 Datasheet
109Kb / 1P
   BREAKOUT , BNC MALE TO MINIATURE ALLIGATOR CLIPS
logo
Pomona Electronics
2631 POMONA-2631 Datasheet
24Kb / 1P
   Breakout: BNC (Female) To Minigator Test Clips
logo
Pasternack Enterprises,...
PE9951 PASTERNACK-PE9951 Datasheet
116Kb / 1P
   BREAKOUT, CRIMP ON FOR RG58, MINIATURE ALLIGATOR CLIPS
PE9960 PASTERNACK-PE9960 Datasheet
89Kb / 1P
   BREAKOUT, CRIMP ON FOR RG59, MINIATURE ALLIGATOR CLIPS
logo
Extech Instruments Corp...
TL806 EXTECH-TL806_15 Datasheet
230Kb / 1P
   Alligator Clips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com