Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSM105 Datasheet(PDF) 1 Page - Dc Components

Part # HSM105
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

HSM105 Datasheet(HTML) 1 Page - Dc Components

  HSM105 Datasheet HTML 1Page - Dc Components HSM105 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
VOLTAGE RANGE - 50 to 600 Volts
CURRENT - 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
HSM101
THRU
HSM106
SM-1(DO-213AB)
NOTES : 1. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Current
at TA = 50
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
1.0
30
15
-65 to + 175
Amps
pF
0 C
UNITS
HSM101
HSM104
HSM102
HSM105 HSM106
HSM103
50
300
100
400
600
200
35
210
70
280
420
140
50
300
100
400
600
200
VF
IR
trr
uAmps
nSec
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
100
50
Maximum Reverse Recovery Time (Note 1)
5.0
1.0
1.3
1.7
75
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
FEATURES
* Fast switching for high efficiency
* Glass passivated junction
* ldeal for surface mounted applications
* Low leakage current
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 0.12 gram
*Terminals: Solder plated solderable per
MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
at Rated DC Blocking Voltage
Maximum DC Reverse Current
@TA = 25
oC
@TA =125
oC
286
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - HSM105

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
HSM105 PACELEADER-HSM105 Datasheet
406Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Rectron Semiconductor
HSM105 RECTRON-HSM105 Datasheet
275Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Nantong Hornby Electron...
HSM105 HORNBY-HSM105 Datasheet
262Kb / 3P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HSM105

ManufacturerPart #DatasheetDescription
logo
Dc Components
HER101 DCCOM-HER101 Datasheet
447Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER301 DCCOM-HER301 Datasheet
486Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER501 DCCOM-HER501 Datasheet
450Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER801 DCCOM-HER801 Datasheet
463Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER151 DCCOM-HER151 Datasheet
485Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER1601 DCCOM-HER1601 Datasheet
524Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER201 DCCOM-HER201 Datasheet
490Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER3001 DCCOM-HER3001 Datasheet
540Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
S1A DCCOM-S1A Datasheet
425Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
SM4001 DCCOM-SM4001 Datasheet
358Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com