Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL1608-FSL15NJ Datasheet(PDF) 2 Page - TOKO, Inc

Part # LL1608-FSL15NJ
Description  Multilayer Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LL1608-FSL15NJ Datasheet(HTML) 2 Page - TOKO, Inc

  LL1608-FSL15NJ Datasheet HTML 1Page - TOKO, Inc LL1608-FSL15NJ Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
continued from previous page 接上页
TOKO STANDARD PART NUMBERS 东光标准零件号
TYPE LL1608-FSL Series (Quantity/reel; 4,000 PCS)
Inductance & Tolerance
Q Typical
TOKO
Part number
at 100MHz
L
(nH)
Toler-
ance
Freguency
(MHz)
Q
Min.
100
MHz
100
MHz
300
MHz
500
MHz
800
MHz
1000
MHz
1800
MHz
S.R.F.
(MHz)
Min.
RDC
(
)
Max.
RDC
(
)
Typ.
IDC
(mA)
Max.
LL1608-FSL1N2S
1.2
0.3nH
1.1
0.5nH
800
10
14.0 18.8 24.3 30.5 35.6 48.0
8000min
0.10
0.04
1,000
LL1608-FSL1N5S
1.5
0.3nH
1.4
0.5nH
800
10
14.1 27.9 38.8 49.1 56.8 80.0
7000min
0.10
0.04
1,000
LL1608-FSL1N8S
1.8
0.3nH
1.7
0.5nH
800
10
11.6 20.7 27.9 36.4 40.2 52.0
12000
15%
0.10
0.05
1,000
LL1608-FSL2N2S
2.2
0.3nH
2.1
0.5nH
800
10
13.0 26.5 35.4 44.2 51.9 63.9
9100
15%
0.10
0.06
1,000
LL1608-FSL2N7S
2.7
0.3nH
2.6
0.5nH
800
11
13.1 28.4 37.6 48.2 54.7 72.0
7300
15%
0.11
0.07
1,000
LL1608-FSL3N3S
3.3
0.3nH
3.2
0.5nH
800
12
13.8 27.8 36.0 46.4 52.9 68.0
5800
15%
0.13
0.07
1,000
LL1608-FSL3N9S
3.9
0.3nH
3.8
0.5nH
800
12
14.4 30.4 39.6 50.2 56.8 70.0
6500
15%
0.15
0.09
1,000
LL1608-FSL4N7S
4.7
0.3nH
4.6
0.5nH
800
12
14.9 29.7 39.0 49.2 55.6 70.0
5600
15%
0.17
0.09
1,000
LL1608-FSL5N6S
5.6
0.3nH
5.5
0.5nH
800
12
15.7 28.8 38.2 47.7 53.3 61.9
4800
15%
0.20
0.09
600
LL1608-FSL6N8J
6.8nH
5%
6.7
10%
800
12
15.8 29.4 39.0 49.3 55.8 67.5
4700
15%
0.22
0.10
600
LL1608-FSL8N2J
8.2nH
5%
8.1
10%
800
12
16.8 30.4 40.3 51.1 56.8 63.8
4200
15%
0.26
0.12
600
LL1608-FSL10NJ
10nH
5%
9.9
10%
800
13
17.3 29.3 38.6 48.1 53.8 56.7
4000
15%
0.30
0.12
600
LL1608-FSL12NJ
12nH
5% 12
10%
800
13
18.2 31.8 42.2 53.0 58.4 53.3
3400
15%
0.35
0.13
600
LL1608-FSL15NJ
15nH
5% 15
10%
800
13
18.0 31.8 41.4 51.2 55.8 49.7
3200
15%
0.40
0.14
600
LL1608-FSL18NJ
18nH
5% 18
10%
800
13
18.7 33.5 43.8 53.7 58.5 46.1
2900
15%
0.47
0.18
600
LL1608-FSL22NJ
22nH
5% 23
10%
800
13
19.9 32.2 42.0 50.4 52.7 34.5
2500
15%
0.54
0.19
600
LL1608-FSL27NJ
27nH
5% 29
10%
800
13
19.6 27.3 43.3 50.4 51.8 24.3
2300
15%
0.62
0.22
600
LL1608-FSL33NJ
33nH
5% 37
10%
800
15
19.6 33.2 42.2 48.0 47.9 15.9
2000
15%
0.70
0.27
600
LL1608-FSL39NJ
39nH
5% 45
10%
800
15
20.6 32.2 41.3 46.1 44.8 11.4
1900
15%
0.80
0.26
600
LL1608-FSL47NJ
47nH
5% 58
10%
800
15
21.0 32.6 40.4 40.8 37.1
9.7
1600
15%
0.90
0.30
500
LL1608-FSL56NJ
56nH
5% 60
10%
500
15
21.5 31.7 38.6 38.6 33.5
1500
15%
1.00
0.34
500
LL1608-FSL68NJ
68nH
5% 77
10%
500
15
21.7 29.5 34.5 29.1 19.1
1300
15%
1.20
0.39
400
LL1608-FSL82NJ
82nH
5% 104
10%
500
15
21.1 34.7 40.2 32.5 19.5
1000
15%
1.40
0.46
300
LL1608-FSLR10J
100nH
5% 136
10%
500
15
20.5 35.5 39.1 20.4
900
15%
1.60
0.83
300
LL1608-FSLR12J 120nH*
5% 133
10%
300
12*
23.1 31.3 30.8
800
15%
2.00
0.59
200
LL1608-FSLR15J 150nH*
5% 174
10%
300
11*
20.0 27.5 21.6
740
15%
2.40
2.02
200
LL1608-FSLR18J 180nH*
5% 222
10%
300
11*
18.8 27.1 12.1
650
15%
2.70
2.29
150
LL1608-FSLR22J 220nH*
5% 293
10%
300
11*
22.3 25.1
580
15%
3.00
2.37
150
LL1608-FSLR27J 270nH**
5% 319
10%
200
8** 21.9 21.1
470
15%
3.50
2.90
150
* at 50MHz, ** at 25MHz
Test Equipment & note
(测试设备和注意事项)
 L, Q
: RF Impedance Analyzer 4291A/B (Agilent Technologies), Test Fixture 16192A (Agilent Technologies)
 S.R.F./自谐振频率
: Network Analyzer 8719D (Agilent Technologies), 8720D (Agilent Technologies)
 RDC/直流电阻
: Milliohmmeter 4338A/B (Agilent Technologies)
 Inductance tolerance/电感值公差
: S=
0.3nH, J=5%
 Operating temperature range/工作温度范围 : -55°C ~ + 125°C
 Storage temperature range/储存温度范围
: -55°C ~ + 125°C
Multilayer Chip Inductors
叠层片式电感器


Similar Part No. - LL1608-FSL15NJ

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608-FSL15NJ TOKO-LL1608-FSL15NJ Datasheet
377Kb / 2P
   Multilayer Chip Inductors
More results

Similar Description - LL1608-FSL15NJ

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
   Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
   Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com