Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LK21253R3M-T Datasheet(PDF) 9 Page - Taiyo Yuden (U.S.A.), Inc

Part # LK21253R3M-T
Description  Notice for TAIYO YUDEN products
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LK21253R3M-T Datasheet(HTML) 9 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LK21253R3M-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LK21253R3M-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LK21253R3M-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LK21253R3M-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LK21253R3M-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LK21253R3M-T Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LK21253R3M-T Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LK21253R3M-T Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LK21253R3M-T Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_mlci_pack_e-E02R01
④LEADER AND BLANK PORTION
Blank portion
Chip cavity
Blank portion
Leader
160mm or more
(6.3inches or more)
Direction of tape feed
100mm or more
(3.94inches or more)
400mm or more
(15.7inches or more)
⑤Reel Size
E
C
D
R
B
t
A
W
A
B
C
D
E
R
φ178±2.0
φ50 or more
φ13.0±0.2
φ21.0±0.8
2.0±0.5
1.0
t
W
4mm width tape
1.5max.
5±1.0
8mm width tape
2.5max.
10±1.5
(Unit : mm)
⑥Top tape strength
The top tape requires a peel-off force of 0.1~0.7N in the direction of the arrow as illustrated below.
0~15°
Top tape
Base tape
Pull direction


Similar Part No. - LK21253R3M-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LK21253R3M-T TAIYO-YUDEN-LK21253R3M-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
More results

Similar Description - LK21253R3M-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com