Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-DAC-S Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3X-DAC-S
Description  Easy and Reliable The Fiber Sensor That Sees in Color
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-DAC-S Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3X-DAC-S Datasheet HTML 5Page - Omron Electronics LLC E3X-DAC-S Datasheet HTML 6Page - Omron Electronics LLC E3X-DAC-S Datasheet HTML 7Page - Omron Electronics LLC E3X-DAC-S Datasheet HTML 8Page - Omron Electronics LLC E3X-DAC-S Datasheet HTML 9Page - Omron Electronics LLC E3X-DAC-S Datasheet HTML 10Page - Omron Electronics LLC E3X-DAC-S Datasheet HTML 11Page - Omron Electronics LLC E3X-DAC-S Datasheet HTML 12Page - Omron Electronics LLC E3X-DAC-S Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
E3X-DAC-S
9
I/O Circuit Diagrams
NPN Output
PNP Output
Note 1. Timing Charts for Timer Function Settings (T: Set Time)
2. Control Outputs (AND, OR, Sync) and Timing Chart for Timer Settings
(T: Set Time)
Model
Operation
mode
Timing charts
Operation
selector
switch
Output circuit
E3X-DAC11-S
E3X-DAC6-S
ON for
match
LIGHT ON
(L-ON)
ON for
mismatch
DARK ON
(D-ON)
E3X-DAC21-S
E3X-DAC21B-S
ON for
match
LIGHT ON
(L-ON)
ON for
mismatch
DARK ON
(D-ON)
Model
Operation
mode
Timing charts
Operation
selector
switch
Output circuit
E3X-DAC41-S
E3X-DAC8-S
ON for
match
LIGHT ON
(L-ON)
ON for
mismatch
DARK ON
(D-ON)
E3X-DAC51-S
E3X-DAC51B-S
ON for
match
LIGHT ON
(L-ON)
ON for
mismatch
DARK ON
(D-ON)
Match
Mismatch
ON
OFF
ON
OFF
Operate
Reset
Output
transistor
(Between brown and black leads)
Operation
indicator (orange)
Load
(e.g., relay)
Photo-
electric
Sensor
main
circuit
Load
I mode indicator (orange)
Brown
Black
Blue
Control output
12 to
24 VDC
Display
Operation
indicator
(Orange)
Match
Mismatch
ON
OFF
ON
OFF
Operate
Reset
Output
transistor
(Between brown and black leads)
Operation
indicator (orange)
Load
(e.g., relay)
Match
Mismatch
ON
OFF
ON
OFF
Operate
Reset
Output
transistor
(Between brown and black leads)
Operation
indicator (orange)
Load
(e.g., relay)
Ch2 operation indicator
(orange)
Ch1 control
output
Ch2 control output
External
input
Orange
Pink
Ch1
operation
indicator
(orange)
Photo-
electric
Sensor
main
circuit
Load
Load
Brown
Black
Blue
12 to
24 VDC
Display
Match
Mismatch
ON
OFF
ON
OFF
Operate
Reset
Output
transistor
(Between brown and black leads)
Operation
indicator (orange)
Load
(e.g., relay)
(Between blue and black leads)
Match
Mismatch
ON
OFF
ON
OFF
Operate
Reset
Output
transistor
Operation
indicator (orange)
Load
(e.g., relay)
Photo-
electric
Sensor
main
circuit
Load
I mode indicator (orange)
Brown
Black
Blue
Control output
12 to
24 VDC
Display Operation
indicator
(Orange)
(Between blue and black leads)
Match
Mismatch
ON
OFF
ON
OFF
Operate
Reset
Output
transistor
Operation
indicator (orange)
Load
(e.g., relay)
(Between blue and black leads)
Match
Mismatch
ON
OFF
ON
OFF
Operate
Reset
Output
transistor
Operation
indicator (orange)
Load
(e.g., relay)
Ch2 operation indicator (orange)
Ch1 control
output
Ch2 control
output
External
input
Orange
Pink
Ch1
operation
indicator
(orange)
Photo-
electric
Sensor
main
circuit
Load
Load
Brown
Black
Blue
12 to
24 VDC
Display
(Between blue and black leads)
Match
Mismatch
ON
OFF
ON
OFF
Operate
Reset
Output
transistor
Operation
indicator (orange)
Load
(e.g., relay)
ON delay
OFF delay
One-shot
Match
Mismatch
ON
OFF
ON
OFF
L-ON
D-ON
T
T
Match
Mismatch
ON
OFF
ON
OFF
L-ON
D-ON
T
T
Match
Mismatch
ON
OFF
ON
OFF
L-ON
D-ON
T
T
CH1
CH2
ON
OFF
ON
OFF
ON
OFF
ON
OFF
OUT
(OR)
OUT
(AND)
CH1
CH2
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
One-shot
(AND)
OFF delay
(AND)
ON delay
(AND)
T
T
T


Similar Part No. - E3X-DAC-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3X-DA ETC1-E3X-DA Datasheet
190Kb / 6P
   Fiber-Optic Accessories
logo
Omron Electronics LLC
E3X-DA- OMRON-E3X-DA- Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
E3X-DA11 OMRON-E3X-DA11 Datasheet
199Kb / 13P
   Fiber-Optic System for Sensing Under Vacuum
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results

Similar Description - E3X-DAC-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VK-G OMRON-S8VK-G Datasheet
5Mb / 22P
   Reliable and Easy Operation Resistant in tough environments Easy and fast installation The most compact size on the market
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Omron Electronics LLC
E2K-L13MC1 OMRON-E2K-L13MC1 Datasheet
361Kb / 5P
   Liquid Level Sensor That Is Unaffected by the Color of the Pipe or Liquid
logo
Lumileds Lighting Compa...
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
   Color LEDs that deliver the perfect amount of color you need
PB63 LUMILEDS-PB63 Datasheet
1Mb / 2P
   Reliable high-power LED that gives you the design flexibility and performance you need
logo
Endress+Hauser Group Se...
COY8 EH-COY8 Datasheet
175Kb / 4P
   For reliable and easy verification, calibration and adjustment of the zero point of oxygen sensors
01.15
logo
Lumileds Lighting Compa...
DS63 LUMILEDS-DS63 Datasheet
2Mb / 21P
   Reliable high-power LED that gives you the design flexibility and performance you need
logo
Omron Electronics LLC
E3Z-LT OMRON-E3Z-LT Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
logo
ams AG
TCS3430 AMSCO-TCS3430_V01 Datasheet
530Kb / 37P
   Color and ALS Sensor
2020-Jul-28
logo
Hamamatsu Corporation
S10942-01CT HAMAMATSU-S10942-01CT_15 Datasheet
259Kb / 4P
   RGB color sensor integrated in small and thin package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com