Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3ZM-V Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3ZM-V
Description  Print mark detection photoelectric sensor in compact stainless steel housing
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3ZM-V Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3ZM-V Datasheet HTML 2Page - Omron Electronics LLC E3ZM-V Datasheet HTML 3Page - Omron Electronics LLC E3ZM-V Datasheet HTML 4Page - Omron Electronics LLC E3ZM-V Datasheet HTML 5Page - Omron Electronics LLC E3ZM-V Datasheet HTML 6Page - Omron Electronics LLC E3ZM-V Datasheet HTML 7Page - Omron Electronics LLC E3ZM-V Datasheet HTML 8Page - Omron Electronics LLC E3ZM-V Datasheet HTML 9Page - Omron Electronics LLC E3ZM-V Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Photoelectric Sensor
I/O Circuit Diagrams
NPN Output
PNP Output
Plugs (Sensor I/O Connectors)
M8 4-pin Connectors
Note: The above M8 Connectors made by OMRON are IP67.
Do not use them in an enviornment where IP69K is required.
Excess Gain vs. Distance
E3ZM-V
@@
Angle vs. Incident Characteristics
E3ZM-V
@@
E3ZM-V
@@
Model
Timing charts
Output circut
E3ZM-V61
E3ZM-V66
Model
Timing charts
Output circut
E3ZM-V81
E3ZM-V86
10
11
12
13
14
100
80
60
40
20
Distance (mm)
0
120
−20 −15
−10
−5
0
5
10
15
20
Angle (
°)
100
80
60
40
20
0
Teaching ON for white and OFF for black at 12 mm
12 mm
100
80
60
40
20
0
Teaching ON for white and OFF for black at 12 mm
12 mm
−20 −15
−10
−5
0
5
10
15
20
Angle (
°)
Color taught
2nd
Between brown (1)
and black (4) leads
Color taught
1st
Color taught
2nd
Color taught
1st
ON
OFF
ON
OFF
Operate
Reset
Sensing object
Operation
indicator
(yellow)
Output
transistor
Load
(e.g., relay)
Control output
Remote control input
1
2
4
3
1
2 4
3
10 to
30 VDC
Brown
Black
Blue
Pink
Operation
indicator
(yellow)
Stability
indicator
(green)
Teaching
indicator
(red)
M8 Connector
Pin Arrangement
Photo-
electric
Sensor
Main
Circuit
Load
Color taught
2nd
Between blue (3)
and black (4) leads
Color taught
1st
Color taught
2nd
Color taught
1st
Sensing object
Operation
indicator
(yellow)
Output
transistor
Load
(e.g., relay)
ON
OFF
ON
OFF
Operate
Reset
Control
output
Remote
control input
1
4
2
3
M8 Connector
Pin Arrangement
1
2 4
3
10 to
30 VDC
Brown
Black
Blue
Pink
Operation
indicator
(yellow)
Stability
indicator
(green)
Teaching
indicator
(red)
Photo-
electric
Sensor
Main
Circuit
Load
2
4
1
3
1
2
3
4
Brown
White
Blue
Black
Wire color
XS3F-E421-402-A
XS3F-E421-405-A
XS3F-E422-402-A
XS3F-E422-405-A
Classification Wire color
Connector
pin No.
Application
DC
Brown
1
Power supply (+v)
White
2
Remote control input
Blue
3
Power supply (0 V)
Black
4
Output


Similar Part No. - E3ZM-V

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z OMRON-E3Z Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
E3Z-B61 OMRON-E3Z-B61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-B61 OMRON-E3Z-B61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - E3ZM-V

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
DK12-11-5215 PF-DK12-11-5215 Datasheet
1Mb / 5P
   Print mark contrast sensor
logo
TT Electronics.
ES2000 TTELEC-ES2000 Datasheet
336Kb / 3P
   Stainless Steel housing
logo
Marl International Limi...
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
   Robust stainless steel housing
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
   Robust stainless steel housing
logo
Banner Engineering Corp...
Q4X BANNER-Q4X Datasheet
1Mb / 11P
   Stainless Steel Laser Sensor
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Greystone Energy System...
PS-TE200AS GREYSTONE-PS-TE200AS Datasheet
187Kb / 1P
   STAINLESS STEEL SURFACE TEMPERATURE SENSOR
logo
Turck, Inc.
BI1.5-EG08F-AN6X TURCK-BI1.5-EG08F-AN6X Datasheet
297Kb / 3P
   Inductive sensor Stainless steel front
BI1.5-EG08F-AG6X-H1341 TURCK-BI1.5-EG08F-AG6X-H1341 Datasheet
300Kb / 3P
   Inductive sensor Stainless steel front
logo
Cynergy3 Co
SSF211 CYNERGY3-SSF211 Datasheet
256Kb / 1P
   horizontal stainless steel compact internal fitting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com