Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E39-L153 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E39-L153
Description  Print mark detection photoelectric sensor in compact stainless steel housing
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L153 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E39-L153 Datasheet HTML 1Page - Omron Electronics LLC E39-L153 Datasheet HTML 2Page - Omron Electronics LLC E39-L153 Datasheet HTML 3Page - Omron Electronics LLC E39-L153 Datasheet HTML 4Page - Omron Electronics LLC E39-L153 Datasheet HTML 5Page - Omron Electronics LLC E39-L153 Datasheet HTML 6Page - Omron Electronics LLC E39-L153 Datasheet HTML 7Page - Omron Electronics LLC E39-L153 Datasheet HTML 8Page - Omron Electronics LLC E39-L153 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
E3ZM-V
Print mark detection photoelectric sensor in compact stainless steel housing
E3ZM-V
The detergent resistant photoelectric sensor
in a robust stainless steel housing provides
reliable detection of all common print marks
in packaging applications.
• White LED for stable detection of differently colored
print marks
• SUS 316L stainless steel housing
• Easy-to-use teach-in button or remote dynamic teach
• Fast response time of 50 µs
Features
Features
Reliable print mark detection within OMRON’s most popular E3Z sensor family
The E3ZM-V provides reliable print mark detection in the compact sized E3Z housing. For packaging machine makers the E3Z
family offers a complete sensor platform with one mounting concept simplifying installation and machine design.
• Space-saving design with an
SUS316L housing
The compact design reduces volume by 90% compared
to conventional mark sensors.
• Coaxial optical system
The coaxial optical system ensures stable detection of print
marks on uneven surfaces.
Conventional mark
sensor size
E3ZM-V
Only 10%
the volume!
E3ZM
Standard Size
Straight Sensing Object
RGB
light-receiving
element
Half mirror
White LED
Lens
Sensing object
(with regular reflection)
Inclined Sensing Object
RGB
light-receiving
element
Half mirror
White LED
Lens
Sensing object
(with regular reflection)


Similar Part No. - E39-L153

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L153 OMRON-E39-L153 Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
More results

Similar Description - E39-L153

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
DK12-11-5215 PF-DK12-11-5215 Datasheet
1Mb / 5P
   Print mark contrast sensor
logo
TT Electronics.
ES2000 TTELEC-ES2000 Datasheet
336Kb / 3P
   Stainless Steel housing
logo
Marl International Limi...
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
   Robust stainless steel housing
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
   Robust stainless steel housing
logo
Banner Engineering Corp...
Q4X BANNER-Q4X Datasheet
1Mb / 11P
   Stainless Steel Laser Sensor
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Greystone Energy System...
PS-TE200AS GREYSTONE-PS-TE200AS Datasheet
187Kb / 1P
   STAINLESS STEEL SURFACE TEMPERATURE SENSOR
logo
Turck, Inc.
BI1.5-EG08F-AN6X TURCK-BI1.5-EG08F-AN6X Datasheet
297Kb / 3P
   Inductive sensor Stainless steel front
BI1.5-EG08F-AG6X-H1341 TURCK-BI1.5-EG08F-AG6X-H1341 Datasheet
300Kb / 3P
   Inductive sensor Stainless steel front
logo
Cynergy3 Co
SSF211 CYNERGY3-SSF211 Datasheet
256Kb / 1P
   horizontal stainless steel compact internal fitting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com