Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E39-L142 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E39-L142
Description  Print mark detection photoelectric sensor in compact stainless steel housing
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L142 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E39-L142 Datasheet HTML 4Page - Omron Electronics LLC E39-L142 Datasheet HTML 5Page - Omron Electronics LLC E39-L142 Datasheet HTML 6Page - Omron Electronics LLC E39-L142 Datasheet HTML 7Page - Omron Electronics LLC E39-L142 Datasheet HTML 8Page - Omron Electronics LLC E39-L142 Datasheet HTML 9Page - Omron Electronics LLC E39-L142 Datasheet HTML 10Page - Omron Electronics LLC E39-L142 Datasheet HTML 11Page - Omron Electronics LLC E39-L142 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
E3ZM-V
Dimensions
Sensors
Mark Sensor
(Diffuse reflective)
Pre-wired Models
E3ZM-V61
E3ZM-V81
Mark Sensor
(Diffuse reflective)
M8 Connector
E3ZM-V66
E3ZM-V86
3.2
7.8
Teaching button
Teaching indicator (red)
Two, M3
4-dia. Vinyl-insulated round cable with 4 conductors
(Conductor cross section: 0.2 mm2 (AWG.24), Insulator diameter: 1.1 mm), Standard length: 2 m
Stability indicator
(green)
Operation indicator (yellow)
Optical
axis
15.3
10.8
21
25.4
31
1.2
9.1
22.5
15.5
25.4
31
1.2
15.5
9.1
22.5
Teaching button
Teaching indicator (red)
Two, M3
M8
× 1
Stability indicator
(green)
Operation indicator (yellow)
Optical
axis
3.2
7.8
15.3
10.8
21


Similar Part No. - E39-L142

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L142 OMRON-E39-L142 Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
More results

Similar Description - E39-L142

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
DK12-11-5215 PF-DK12-11-5215 Datasheet
1Mb / 5P
   Print mark contrast sensor
logo
TT Electronics.
ES2000 TTELEC-ES2000 Datasheet
336Kb / 3P
   Stainless Steel housing
logo
Marl International Limi...
520-301-21_1309 MARL-520-301-21_1309 Datasheet
423Kb / 5P
   Robust stainless steel housing
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
   Robust stainless steel housing
logo
Banner Engineering Corp...
Q4X BANNER-Q4X Datasheet
1Mb / 11P
   Stainless Steel Laser Sensor
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Greystone Energy System...
PS-TE200AS GREYSTONE-PS-TE200AS Datasheet
187Kb / 1P
   STAINLESS STEEL SURFACE TEMPERATURE SENSOR
logo
Turck, Inc.
BI1.5-EG08F-AN6X TURCK-BI1.5-EG08F-AN6X Datasheet
297Kb / 3P
   Inductive sensor Stainless steel front
BI1.5-EG08F-AG6X-H1341 TURCK-BI1.5-EG08F-AG6X-H1341 Datasheet
300Kb / 3P
   Inductive sensor Stainless steel front
logo
Cynergy3 Co
SSF211 CYNERGY3-SSF211 Datasheet
256Kb / 1P
   horizontal stainless steel compact internal fitting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com