Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-DAC6-S Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3X-DAC6-S
Description  Easy and Reliable The Fiber Sensor That Sees in Color
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-DAC6-S Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3X-DAC6-S Datasheet HTML 4Page - Omron Electronics LLC E3X-DAC6-S Datasheet HTML 5Page - Omron Electronics LLC E3X-DAC6-S Datasheet HTML 6Page - Omron Electronics LLC E3X-DAC6-S Datasheet HTML 7Page - Omron Electronics LLC E3X-DAC6-S Datasheet HTML 8Page - Omron Electronics LLC E3X-DAC6-S Datasheet HTML 9Page - Omron Electronics LLC E3X-DAC6-S Datasheet HTML 10Page - Omron Electronics LLC E3X-DAC6-S Datasheet HTML 11Page - Omron Electronics LLC E3X-DAC6-S Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
E3X-DAC-S
8
Engineering Data (Typical)
Color vs. Detection Capability
E3X-DAC
@-S + E32-CC200
Color Detection Characteristics
Color Detection Capability vs. Distance
E3X-DAC
@-S + E32-CC200
E3X-DA
@-S + E32-CC200
E3X-DAB/G
@-S + E32-CC200 (Model with single-color light source)
Correlation vs. Distance
Correlation vs. Angle
E3X-DAC
@-S + E32-CC200
E3X-DAC
@-S + E32-CC200
Model with Red Light Source
Model with Green
Light Source
Model with Blue
Light Source
No
Need
to
Select
(E3X-DA
@-S)
(E3X-DAG
@-S)
(E3X-DAB
@-S)
563
9
442
7
553
8
54
5
2
64
5
2
32
32
2
4
97
8
4
White Red Yellow Green Blue Purple Black
White
Red
Yellow
Green
Blue
Purple
Black
83
5
10
85
5
3
53
6
53
6
33
4
53
3
3
10
6643
553
3
8
53
2
52
4
2
322
3
342
6
32
2
4
83
6
4
White Red Yellow Green Blue Purple Black
White Red Yellow Green Blue Purple Black
White
Red
Yellow
Green
Blue
Purple
Black
White
Red
Yellow
Green
Blue
Purple
Black
Sensing distance: 9 mm (i.e., the teaching distance)
❍: Detection possible, ✕: Detection not possible.
*. Use 2-point teaching to distinguish between white and black.
White
Red
Yellow/
red
Yellow
Yellow/
green
Green
Blue/
green
Blue
Blue/
purple
Purple
Red/
purple
Black*
White
❍❍
❍❍❍
❍❍
❍❍❍
(
❍)
Red
❍❍❍
❍❍
❍❍❍
Yellow/
red
❍❍❍
❍❍
❍❍❍
Yellow
❍❍
❍❍
❍❍
❍❍
Yellow/
green
❍❍
❍❍
❍❍
❍❍
❍❍
Green
❍❍
❍❍
❍❍
❍❍
Blue/
green
❍❍
❍❍❍
❍❍❍
Blue
❍❍
❍❍❍
❍❍❍
Blue/
purple
❍❍
❍❍❍
❍❍
❍❍
Purple
❍❍
❍❍❍
❍❍
Red/
purple
❍❍
❍❍❍
❍❍
❍❍
Black*
(
❍)
❍❍
❍❍❍
❍❍
❍❍❍
0
20
40
60
80
100
120
140
0
Sensing distance X (mm)
= Teaching distance
X
35
30
25
20
15
10
5
For one-point
teaching
For 2-point teaching
Model with blue
light source
E3X-DAB-S
Model with green
light source
E3X-DAG-S
E3X-DAC-S
0
100
200
300
400
500
600
700
800
900
1000
Red
Yellow
Green
Blue
Purple
Sensing object color
Registered Color
Registered
Color
Sensing distance: 9 mm
(i.e., the teaching distance)
9 mm
1) Teaching by registered
color
2) Detecting each sensing
objest color
−25
−20
−15
−10
−5
0
5
Change in distance X (%)
X
Sensing distance: 9 mm
(i.e., the teaching
distance)
−40
−30
−20
−10
10
20
30
40
0
Blue
Red
Registered Color
Green
Sensing
object
Angle of incline
θ (°)
−25
−20
−15
−10
−5
0
5
−20
−15
−10
−5
5
10
15
20
0
+
θ
−θ
Sensing object
Sensing distance:
9 mm
(i.e., the teaching
distance)
Blue
Red
Registered Color
Green


Similar Part No. - E3X-DAC6-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3X-DA ETC1-E3X-DA Datasheet
190Kb / 6P
   Fiber-Optic Accessories
logo
Omron Electronics LLC
E3X-DA- OMRON-E3X-DA- Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
E3X-DA11 OMRON-E3X-DA11 Datasheet
199Kb / 13P
   Fiber-Optic System for Sensing Under Vacuum
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results

Similar Description - E3X-DAC6-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VK-G OMRON-S8VK-G Datasheet
5Mb / 22P
   Reliable and Easy Operation Resistant in tough environments Easy and fast installation The most compact size on the market
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Omron Electronics LLC
E2K-L13MC1 OMRON-E2K-L13MC1 Datasheet
361Kb / 5P
   Liquid Level Sensor That Is Unaffected by the Color of the Pipe or Liquid
logo
Lumileds Lighting Compa...
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
   Color LEDs that deliver the perfect amount of color you need
PB63 LUMILEDS-PB63 Datasheet
1Mb / 2P
   Reliable high-power LED that gives you the design flexibility and performance you need
logo
Endress+Hauser Group Se...
COY8 EH-COY8 Datasheet
175Kb / 4P
   For reliable and easy verification, calibration and adjustment of the zero point of oxygen sensors
01.15
logo
Lumileds Lighting Compa...
DS63 LUMILEDS-DS63 Datasheet
2Mb / 21P
   Reliable high-power LED that gives you the design flexibility and performance you need
logo
Omron Electronics LLC
E3Z-LT OMRON-E3Z-LT Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
logo
ams AG
TCS3430 AMSCO-TCS3430_V01 Datasheet
530Kb / 37P
   Color and ALS Sensor
2020-Jul-28
logo
Hamamatsu Corporation
S10942-01CT HAMAMATSU-S10942-01CT_15 Datasheet
259Kb / 4P
   RGB color sensor integrated in small and thin package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com