Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-DAC8-S Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3X-DAC8-S
Description  Easy and Reliable The Fiber Sensor That Sees in Color
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-DAC8-S Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3X-DAC8-S Datasheet HTML 2Page - Omron Electronics LLC E3X-DAC8-S Datasheet HTML 3Page - Omron Electronics LLC E3X-DAC8-S Datasheet HTML 4Page - Omron Electronics LLC E3X-DAC8-S Datasheet HTML 5Page - Omron Electronics LLC E3X-DAC8-S Datasheet HTML 6Page - Omron Electronics LLC E3X-DAC8-S Datasheet HTML 7Page - Omron Electronics LLC E3X-DAC8-S Datasheet HTML 8Page - Omron Electronics LLC E3X-DAC8-S Datasheet HTML 9Page - Omron Electronics LLC E3X-DAC8-S Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
E3X-DAC-S
6
Through-beam Models
(Unit: mm)
*These sensing distances are recommended to make the most of the detection capabilities of the Sensor.
Sensing object
Opaque object
Translucent object *
Type
High-
resolu-
tion
mode
Stan-
dard
mode
High-
speed
mode
Super-
high-
speed
mode
High-
resolu-
tion
mode
Stan-
dard
mode
High-
speed
mode
Super-
high-
speed
mode
Stan-
dard
models
General-
purpose
E32-TC200
200
160
140
70
45
32
26
22
E32-T11R/E32-T12R/
E32-T15XR/E32-T11N/
E32-TC200BR(B4R)
150
110
95
50
30
22
18
16
E32-T14LR/E32-T15YR/
E32-T15ZR
55
44
38
19
12
8.5
7
6.5
E32-TC200E/E32-T22/
E32-T222/E32-T25X/
E32-TC200F(F4)
80
6050
4617
12
10
7
E32-T24/E32-T25Y/
E32-T25Z
48
36
32
26
10
7
6
4
Break-
resistant
E32-T11/E32-T12B/
E32-T15XB
190
140
120
60
40
28
24
20
E32-T21/E32-T221B/
E32-T22B
70
55
48
40
15
11
9
6
E32-T25XB
55
42
36
30
11
8
74.5
Fluorine
coating
E32-T11U
190
140
120
60
40
28
24
20
Special-
beam
models
Long dis-
tance,
high power
E32-T17L
4300
3200
2800
1400
900
600
500
460
E32-TC200 + E39-F1
1100
850
700
360
220
160
140
120
E32-T11R + E39-F1
1000
750
650
340
220
150
130
110
E32-T11N+E39-F1
1000
750
650
320
200
150
120
110
E32-T11 + E39-F1
1000
750
650
320
200
150
120
110
E32-T14
950
700
600
300
200
140
120
100
E32-T11L/E32-T12L
350
250
200
120
75
55
46
40
E32-T11L + E39-F2
220
160
140
75
46
32
28
25
E32-T11R + E39-F2
110
8570
3622
16
1412
E32-T11 + E39-F2
180
140
120
60
38
28
22
20
E32-T12L/E32-T22L
160
120
100
90
34
24
20
14
Fine beam
E32-T22S
500
400
350
170
110
8065
55
E32-T24S
360
280
240
1207555
46
40
Area
sensing
E32-T16
750
600
500
250
160
110
95
85
E32-T16PR
240
180
150
8050
36
3026
E32-T16JR
200
160
130
65
44
30
26
22
E32-T16WR
360
280
240
1207555
46
40
Label
detection
(Slot
Sensor)
E32-G14
10
10


Similar Part No. - E3X-DAC8-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3X-DA ETC1-E3X-DA Datasheet
190Kb / 6P
   Fiber-Optic Accessories
logo
Omron Electronics LLC
E3X-DA- OMRON-E3X-DA- Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
   Digital Fiber Sensors
E3X-DA11 OMRON-E3X-DA11 Datasheet
199Kb / 13P
   Fiber-Optic System for Sensing Under Vacuum
E3X-DA11-N OMRON-E3X-DA11-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results

Similar Description - E3X-DAC8-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VK-G OMRON-S8VK-G Datasheet
5Mb / 22P
   Reliable and Easy Operation Resistant in tough environments Easy and fast installation The most compact size on the market
logo
Molex Electronics Ltd.
987650-4381 MOLEX-987650-4381 Datasheet
830Kb / 3P
   The remarkably simple solution that provides easy interchangeability, upgradeability and replacement.
2012.05
logo
Omron Electronics LLC
E2K-L13MC1 OMRON-E2K-L13MC1 Datasheet
361Kb / 5P
   Liquid Level Sensor That Is Unaffected by the Color of the Pipe or Liquid
logo
Lumileds Lighting Compa...
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
   Color LEDs that deliver the perfect amount of color you need
PB63 LUMILEDS-PB63 Datasheet
1Mb / 2P
   Reliable high-power LED that gives you the design flexibility and performance you need
logo
Endress+Hauser Group Se...
COY8 EH-COY8 Datasheet
175Kb / 4P
   For reliable and easy verification, calibration and adjustment of the zero point of oxygen sensors
01.15
logo
Lumileds Lighting Compa...
DS63 LUMILEDS-DS63 Datasheet
2Mb / 21P
   Reliable high-power LED that gives you the design flexibility and performance you need
logo
Omron Electronics LLC
E3Z-LT OMRON-E3Z-LT Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
logo
ams AG
TCS3430 AMSCO-TCS3430_V01 Datasheet
530Kb / 37P
   Color and ALS Sensor
2020-Jul-28
logo
Hamamatsu Corporation
S10942-01CT HAMAMATSU-S10942-01CT_15 Datasheet
259Kb / 4P
   RGB color sensor integrated in small and thin package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com