Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJRF16NFGF2 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELJRF16NFGF2
Description  Inductors Chip Inductors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRF16NFGF2 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELJRF16NFGF2 Datasheet HTML 1Page - Panasonic Semiconductor ELJRF16NFGF2 Datasheet HTML 2Page - Panasonic Semiconductor ELJRF16NFGF2 Datasheet HTML 3Page - Panasonic Semiconductor ELJRF16NFGF2 Datasheet HTML 4Page - Panasonic Semiconductor ELJRF16NFGF2 Datasheet HTML 5Page - Panasonic Semiconductor ELJRF16NFGF2 Datasheet HTML 6Page - Panasonic Semiconductor ELJRF16NFGF2 Datasheet HTML 7Page - Panasonic Semiconductor ELJRF16NFGF2 Datasheet HTML 8Page - Panasonic Semiconductor ELJRF16NFGF2 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Inductors
Chip Inductors
D : ± 0.3 nH
E : ± 0.5 nH
G : ±
2 %
A : ±
3 %
J : ±
5 %
K : ± 10 %
M : ± 20 %
Tolerance
0.001
0.01
0.1
1.0
10
100
1000
(µH)
1005 (0402)
RF
1005 (0402)
QF
1005 (0402)
PF
1608 (0603)
RE
1608 (0603)
PE
Non Magnetic Core
High-Q
High power
Non Magnetic Core
High power
1.0nH
10nH
3.9 nH
J,Z
D,Z
J,G
1.0nH
39nH
10 nH
6.8 nH
J,Z
D,Z
J,G
2.2nH
10nH
D,J
2.2nH
22nH
K
1.0 nH
100 nH
10 nH
6.8 nH
J,Z
D,Z
J,G
0.001
0.01
0.1
1.0
10
100
1000
(µH)
2012 (0805)
ND
2520 (1008)
NC
2520 (1008)
FC
2520 (1008)
PC
3225 (1210)
NA
3225 (1210)
FA
3225 (1210)
SA
3225 (1210)
PA
3225 (1210)
EA
4532 (1812)
FB
4532 (1812)
PB
Non Magnetic Core
Non Magnetic Core
High power
Non Magnetic Core
Shield
High power
Low DC resistance
High power
33 nH
10 nH
1000 nH
KJ,K
33 nH
10 nH
820 nH
KJ,K
0.22 µH
1.0 µH
100 µH
K,M
J,K
6.8µH
33µH
1.0 µH
MK
0.047 µH
8.2 µH
1.0 µH
0.22 µH
K
MJ
0.22 µH
1.0 µH
220 µH
K,M
J,K
10 µH
270 µH
K
1.0 µH
10 µH
330 µH
MK
10 µH
330 µH
MK
1.0 µH
10 µH
1000 µH
0.22 µH 1.0 µH
100 µH
J,K
K,M
M
220 µH
10 µH
K
220 nH
Type
Size
Type
Size
Item
Tolerance
Z : ± 0.2 nH
D : ± 0.3 nH
E : ± 0.5 nH
G : ±
2 %
A : ±
3 %
J : ±
5 %
K : ± 10 %
M : ± 20 %
LVALUE
LVALUE
Wire
wound
type
Size : mm (inch)
Item
Q Inductance, Size Guide
Laser
Cut
Non Magnetic Core
O +LJK )UHTXHQF\ (TXLSPHQW
O General Equipment
General Use
General Use
General Use


Similar Part No. - ELJRF16NFGF2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF16NFB PANASONIC-ELJRF16NFB Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJRF16NFB PANASONIC-ELJRF16NFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRF16NFB PANASONIC-ELJRF16NFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRF16NFB PANASONIC-ELJRF16NFB Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF16NFB PANASONIC-ELJRF16NFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJRF16NFGF2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com