Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELC09D1201F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELC09D1201F
Description  Choke Coils
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC09D1201F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELC09D1201F Datasheet HTML 1Page - Panasonic Semiconductor ELC09D1201F Datasheet HTML 2Page - Panasonic Semiconductor ELC09D1201F Datasheet HTML 3Page - Panasonic Semiconductor ELC09D1201F Datasheet HTML 4Page - Panasonic Semiconductor ELC09D1201F Datasheet HTML 5Page - Panasonic Semiconductor ELC09D1201F Datasheet HTML 6Page - Panasonic Semiconductor ELC09D1201F Datasheet HTML 7Page - Panasonic Semiconductor ELC09D1201F Datasheet HTML 8Page - Panasonic Semiconductor ELC09D1201F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Choke Coils
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
[Dimensions in mm]
(not to scale)
ELC06D2R2E
ELC06D2R7E
ELC06D3R3E
ELC06D3R9E
ELC06D4R7E
ELC06D5R6E
ELC06D6R8E
ELC06D8R2E
ELC06D100E
ELC06D120E
ELC06D150E
ELC06D180E
ELC06D220E
ELC06D270E
ELC06D330E
ELC06D390E
ELC06D470E
ELC06D560E
ELC06D680E
ELC06D820E
ELC06D101E
ELC06D121E
ELC06D151E
ELC06D181E
ELC06D221E
ELC06D271E
ELC06D331E
ELC06D391E
ELC06D471E
ELC06D561E
ELC06D681E
ELC06D821E
ELC06D102E
ELC06D122E
ELC06D152E
ELC06D182E
ELC06D222E
ELC06D272E
ELC06D332E
ELC06D392E
ELC06D472E
ELC06D562E
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
1200.0
1500.0
1800.0
2200.0
2700.0
3300.0
3900.0
4700.0
5600.0
**
0.026
**
0.028
**
0.027
**
0.030
**
0.033
**
0.035
0.041
0.048
0.052
0.054
0.059
0.065
0.076
0.083
0.100
0.105
0.120
0.140
0.150
0.210
0.230
0.260
0.370
0.420
0.550
0.650
0.740
0.950
1.080
1.220
1.590
1.760
2.490
2.760
3.240
4.560
5.180
6.080
8.800
9.470
10.900
12.300
3.400
3.200
3.000
2.800
2.600
2.400
2.000
1.800
1.700
1.650
1.500
1.250
1.200
0.950
0.900
0.850
0.800
0.750
0.700
0.550
0.500
0.490
0.450
0.400
0.360
0.350
0.300
0.270
0.240
0.220
0.210
0.180
0.160
0.150
0.130
0.120
0.110
0.100
0.100
0.080
0.075
0.070
DCR.(W)
[at 20 ûC]
**(Tol.±30 %)
(Tol.±20 %)
*IDC.
[at 20 ûC]
(A)max.
Test Freq.
(kHz)
10
Tolerance
(%)
±20
±10
Inductance
(µH)
Part No.
* Allowable DC Current:Smaller current value either when the inductance of -10 %max. changed, or when the temperature of 45 k max. rised.
n Examples Type 06D
B 6.7 max.
3.0±0.5
B 0.65
3.0±0.1
2-B1.00±0.05
Recommended PWB
piercing plan
Connection Schematic
5
.


Similar Part No. - ELC09D1201F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC09D120F PANASONIC-ELC09D120F Datasheet
136Kb / 7P
   Choke Coils
More results

Similar Description - ELC09D1201F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
   Choke Coils
ELC-16B561L PANASONIC-ELC-16B561L Datasheet
136Kb / 7P
   Choke Coils
09D PANASONIC-09D Datasheet
259Kb / 8P
   Choke Coils
ELL4FG100MA PANASONIC-ELL4FG100MA Datasheet
151Kb / 2P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com