Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61M12-L0 Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 61M12-L0
Description  Optically Coupled for Simulated Mechanical Rotary Switch Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

61M12-L0 Datasheet(HTML) 2 Page - Grayhill, Inc

  61M12-L0 Datasheet HTML 1Page - Grayhill, Inc 61M12-L0 Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
SPeCiFiCATiONS
Pushbutton Specifications
rating: 10mAat5Vdc
Contact resistance:Lessthan10Ohms
Contact Bounce:Lessthan4mSatmake
andlessthan10mSatbreak
Actuation Life: 3,000,000actuations
Actuation Force:8-850±200g,5-550±200g
Shaft Travel:.020±.010inch
rotary Specifications
rating:5.0±.25Vdc
Supply Current: 60mAmaximumat5Vdc
Output: Open collector phototransistor,
externalpull-upresistorsarerequired
Output Code: One pulse per position per
rotation(360degreesCW/CCW)
Logic High:3.0Vminimum
Logic Low:1.0Vmaximum
Power Consumption:300mWmaximum
Mechanical Life:1millioncyclesof
operation(1cycle=360°rotation)
rotational Torque:H-10.0±3.0in*oz,
(initial)
L-4.0±1.5in*oz
(torqueshallbewithin50%ofinitialvalue
throughoutlife)
Shaft Pushout Force:50lbs.minimum
Shaft Pullout Force:50lbs.minimum
environmental
Operating and Storage Temperature
range: -40°Cto+85°C
Humidity:90-95%RelativeHumidityat
40°Cfor96hours
Vibration:Harmonicmotionwithamplitude
of15g,withinavariedfrequencyof
10-2000hZ
Mechanical Shock:100g’s,6ms,HalfSine,
12.3ft/sand100g’s,6ms,Sawtooth,9.7ft/s
Series
“M” Style
Angle of Throw: Detent
12=30°or12positions
61MXX-XX
Pushbutton Force: 0=noPB,5=550g,10=1,000g
rotational Torque:L=lowtorque,H=hightorque
OrDeriNG iNFOrMATiON
Available from your local Grayhill Component Distributor.Forpricesanddiscounts,contactalocalSalesOffice,anauthorizedlocal
Distributor,orGrayhill.
Custommaterials,styles,colors,andmarkingsareavailable.Controlknobsavailable.
CirCUiTrY and TrUTH TABLe
Materials and Finishes
Shaft: Stainlesssteel
Detent/Bushing Housing: Stainlesssteel
Code rotor:ReinforcedThermoplastic
Stop Arm:Stainlesssteel
Deck Spacer:Reinforcedthermoplastic
Detent Springs:Pianowire
Detent Balls:Nickelplatedstainlesssteel
Pushbutton Actuator:Zytel70G33L
Domes:Stainlesssteel
Backplate: ReinforcedThermoplastic
Printed Circuit Boards: NEMAGradeFR-4,
doublecladcopper,goldplatedovernickel
Phototransistor: Planarsilicone
infrared emitter: Galliumaluminumarsenide
Solder Pins: Tinplatedbrass
Header: Hi-temp glass filled thermoplastic
UL94V-0,phosphorbronze
resistor: Metaloxideonceramicsubstrate
P1 P2 P3 P4 P5 P6 P7 P8 P9 P10 P11 P12
1
2
3
4
5
6
7
8
9
10
11
12
PiN NUMBer
Note:
BlankIndicateshighstate
Indicateslowstate
Coderepeatsevery12positions
Note:Externalpull-upresistorsrequiredpins1-12.
PushbuttonForce
0
none
5
550g
10
1,000g
L
5in-oz
L0
L5
L10
H
10in-oz
H0
N/A
H10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PB
+5
G
PB


Similar Part No. - 61M12-L0

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
61M MSYSTEM-61M Datasheet
152Kb / 5P
   Field Network Modules 61-UNIT Series
logo
Grayhill, Inc
61M GRAYHILL-61M Datasheet
5Mb / 33P
   Custom, Absolute
logo
M-System Co.,Ltd.
61M-161-K MSYSTEM-61M-161-K Datasheet
152Kb / 5P
   Field Network Modules 61-UNIT Series
61M-161-K/Q MSYSTEM-61M-161-K/Q Datasheet
152Kb / 5P
   Field Network Modules 61-UNIT Series
61M-161-R MSYSTEM-61M-161-R Datasheet
152Kb / 5P
   Field Network Modules 61-UNIT Series
More results

Similar Description - 61M12-L0

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL329 SIEMENS-IL329 Datasheet
46Kb / 3P
   OPTICALLY COUPLED TELECOM SWITCH
LH1529 SIEMENS-LH1529 Datasheet
43Kb / 3P
   OPTICALLY COUPLED TELECOM SWITCH
logo
ISOCOM COMPONENTS
MCA230 ISOCOM-MCA230_10 Datasheet
724Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
List of Unclassifed Man...
4N35X ETC1-4N35X Datasheet
55Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
MCT2200X ISOCOM-MCT2200X Datasheet
54Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
H11AV1X ETC-H11AV1X Datasheet
56Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX72AX ETC-CNX72AX Datasheet
52Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
4N29 ISOCOM-4N29 Datasheet
343Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA230X ISOCOM-MCA230X Datasheet
56Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
TIL111X ISOCOM-TIL111X Datasheet
53Kb / 3P
   OPTICALLY COUPLED ISOLATOR HOTOTRANSISTOR OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com