Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELC09D5621F Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELC09D5621F
Description  Choke Coils
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC09D5621F Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELC09D5621F Datasheet HTML 1Page - Panasonic Semiconductor ELC09D5621F Datasheet HTML 2Page - Panasonic Semiconductor ELC09D5621F Datasheet HTML 3Page - Panasonic Semiconductor ELC09D5621F Datasheet HTML 4Page - Panasonic Semiconductor ELC09D5621F Datasheet HTML 5Page - Panasonic Semiconductor ELC09D5621F Datasheet HTML 6Page - Panasonic Semiconductor ELC09D5621F Datasheet HTML 7Page - Panasonic Semiconductor ELC09D5621F Datasheet HTML 8Page - Panasonic Semiconductor ELC09D5621F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Choke Coils
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
ELC10D2R2E
ELC10D2R7E
ELC10D3R3E
ELC10D3R9E
ELC10D4R7E
ELC10D5R6E
ELC10D6R8E
ELC10D8R2E
ELC10D100E
ELC10D120E
ELC10D150E
ELC10D180E
ELC10D220E
ELC10D270E
ELC10D330E
ELC10D390E
ELC10D470E
ELC10D560E
ELC10D680E
ELC10D820E
ELC10D101E
ELC10D121E
ELC10D151E
ELC10D181E
ELC10D221E
ELC10D271E
ELC10D331E
ELC10D391E
ELC10D471E
ELC10D561E
ELC10D681E
ELC10D821E
ELC10D102E
ELC10D122E
ELC10D152E
ELC10D182E
ELC10D222E
ELC10D272E
ELC10D332E
ELC10D392E
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
1200.0
1500.0
1800.0
2200.0
2700.0
3300.0
3900.0
0.014
0.015
0.016
0.018
0.019
0.021
0.022
0.024
0.026
0.028
0.033
0.036
0.040
0.044
0.051
0.054
0.060
0.067
0.075
0.095
0.110
0.120
0.160
0.180
0.210
0.280
0.320
0.400
0.450
0.560
0.660
0.800
1.000
1.200
1.500
1.800
2.100
2.700
3.200
3.500
5.90
5.50
5.20
4.80
4.60
4.30
4.20
4.00
3.90
3.80
3.50
3.40
3.20
3.00
2.80
2.70
2.50
2.30
2.10
1.80
1.70
1.60
1.40
1.30
1.10
1.00
0.90
0.80
0.70
0.68
0.64
0.55
0.50
0.45
0.42
0.40
0.36
0.32
0.28
0.26
DCR.(W)
[at 20ûC]
(Tol.±20 %)
Test Freq.
(kHz)
10
Tolerance
(%)
±20
±10
Inductance
(µH)
Part No.
*Allowable DC Current:Smaller current value either when the inductance of -10 %max. changed, or when the temperatuer of 45k max. rised.
n Examples Type 10D
B 10.0±0.5
13.0 max.
5.0±0.5
B 0.8
2ÐB 1.20±0.05
5.0±0.1
*IDC.
[at 20ûC]
(A)max.
5
.
[Dimensions in mm]
(not to scale)
Recommended PWB
piercing plan
Connection Schematic


Similar Part No. - ELC09D5621F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC09D562F PANASONIC-ELC09D562F Datasheet
136Kb / 7P
   Choke Coils
More results

Similar Description - ELC09D5621F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
   Choke Coils
ELC-16B561L PANASONIC-ELC-16B561L Datasheet
136Kb / 7P
   Choke Coils
09D PANASONIC-09D Datasheet
259Kb / 8P
   Choke Coils
ELL4FG100MA PANASONIC-ELL4FG100MA Datasheet
151Kb / 2P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com