Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62C1122-01-040C Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 62C1122-01-040C
Description  Economical Size Combined Functionality
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

62C1122-01-040C Datasheet(HTML) 1 Page - Grayhill, Inc

  62C1122-01-040C Datasheet HTML 1Page - Grayhill, Inc 62C1122-01-040C Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.066 ± .005
(1,68 ± 0,13)
.152 ± .005
(3,86 ± 0,13)
.230 ± .050
(5,84 ± 1,27)
3/8-32 UNEF-2A
THREAD. TO BE
WITHIN .030 (0,76)
OF SHOULDER
4.0 ± .20
(4.0 ± 5,08)
.100 (2,54)
STRIPPED
AND TINNED
28 AWG CABLE
WIRES ON
.050 (1,27)
CENTER
CONNECTOR
IS AMP P/N
215083-8
.933 (23,69) REF.
.040 (1.02)
.312 ± .005
(7,92 ± 0,13)
.375 ± .015
(9,53 ± 0,38)
.375 ± .015
(9,53 ± 0,38)
.250 ± .005
(6,35 ± 0,13)
.250 ± .005
(6,35 ± 0,13)
.250 ± .002
(6,35 ± 0,05)
.125 ± .002
(3,18 ± 0,05)
.490 ± .010
(12,45 ± 0,25)
.460 ± .010
(11,68 ± 0,25)
.360 ± .010
(9,14 ± 0,25)
.094 ± .004
(2,39 ± 0,1)
.219 ±.004
(5,56 ± 0,1)
.540
± .010
(13,72
± 0,25)
.500 ±.010
(12,7 ± 0,25)
.250 ± .005
(6,35 ± 0,13)
.250 ± .005
(6,35 ± 0,13)
CL
CL
Pin Version
Cable Version
.580
(14,73)
SerieS 62C
Concentric Shaft
FeATUreS
•EconomicalSize
•CombinedFunctionality
•OpticallyCoupledformorethana
MillionCyclesofOperations
•OptionalIntegralPushbutton
•CompatiblewithCMOS,TTL,and
HCMOSLogic
•Availablewith12,16,24,and32
DetentPositionsforDeck
•ChoicesofCableLengthand
Terminations
•Availablein3.3VoltInput
(contactGrayhillfordetails)
DiMeNSiONS ininches(andmillimeters)
APPLiCATiONS
•UsedtoSetRadioFrequency,
DrillDepth,RPM,MenuSelection,
ParameterSelectionforPatient
MonitoringDevices,etc.
Unlessotherwisespecified,standardtoleranceare:
Linear±.025
Diameter±.010
Angle±2.0°
DeckA:0.250(6,35)shaft
DeckB:0.125(3,18)shaft
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
OpticalEncoders


Similar Part No. - 62C1122-01-040C

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62C1122-01-040C GRAYHILL-62C1122-01-040C Datasheet
5Mb / 33P
   Custom, Absolute
More results

Similar Description - 62C1122-01-040C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B5V-1422 OMRON-B5V-1422 Datasheet
357Kb / 6P
   Hall Effect Technology Facilitates Scroll Functionality, Combined with Tactile Switching Capability
logo
Ohmite Mfg. Co.
RES-40 OHMITE-RES-40 Datasheet
378Kb / 2P
   Economical
logo
Murata Manufacturing Co...
NFA18SL227V1A45L MURATA-NFA18SL227V1A45L Datasheet
99Kb / 3P
   EMIFILr (LC Combined) Array NFA18SL_V Series (0603 Size)
NFL21SP106X1C3D MURATA-NFL21SP106X1C3D Datasheet
67Kb / 2P
   EMIFIL (LC Combined) Multilayer Type NFL21SP Series (0805 Size)
NFL18ST207X1C3D MURATA-NFL18ST207X1C3D Datasheet
32Kb / 1P
   EMIFILr (LC Combined) Multilayer Type NFL18ST Series (0603 Size)
logo
International Rectifier
IRSM505-044 IRF-IRSM505-044_15 Datasheet
981Kb / 15P
   Integrated bootstrap functionality
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-077L AVAGO-ACPL-077L Datasheet
354Kb / 10P
   Allow level shifting functionality
logo
STMicroelectronics
RM0319 STMICROELECTRONICS-RM0319 Datasheet
3Mb / 368P
   SPEAr320S architecture and functionality
logo
Texas Instruments
TPD4S014EVM TI-TPD4S014EVM Datasheet
318Kb / 5P
[Old version datasheet]   Over-voltage protection functionality
logo
CIT Relay & Switch
J115F1E CIT-J115F1E Datasheet
266Kb / 4P
   30A economical version
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com