Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELC10D120E Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ELC10D120E
Description  Choke Coils
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC10D120E Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button ELC10D120E Datasheet HTML 2Page - Panasonic Semiconductor ELC10D120E Datasheet HTML 3Page - Panasonic Semiconductor ELC10D120E Datasheet HTML 4Page - Panasonic Semiconductor ELC10D120E Datasheet HTML 5Page - Panasonic Semiconductor ELC10D120E Datasheet HTML 6Page - Panasonic Semiconductor ELC10D120E Datasheet HTML 7Page - Panasonic Semiconductor ELC10D120E Datasheet HTML 8Page - Panasonic Semiconductor ELC10D120E Datasheet HTML 9Page - Panasonic Semiconductor ELC10D120E Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Choke Coils
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
ELC18B3R3L
ELC18B3R9L
ELC18B4R7L
ELC18B5R6L
ELC18B6R8L
ELC18B8R2L
ELC18B100L
ELC18B120L
ELC18B150L
ELC18B180L
ELC18B220L
ELC18B270L
ELC18B330L
ELC18B390L
ELC18B470L
ELC18B560L
ELC18B680L
ELC18B820L
ELC18B101L
ELC18B121L
ELC18B151L
ELC18B181L
ELC18B221L
ELC18B271L
ELC18B331L
ELC18B391L
ELC18B471L
ELC18B561L
ELC18B681L
ELC18B821L
ELC18B102L
ELC18B122L
ELC18B152L
ELC18B182L
ELC18B222L
ELC18B272L
ELC18B332L
ELC18B392L
ELC18B472L
ELC18B562L
ELC18B682L
ELC18B822L
ELC18B103L
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
1200.0
1500.0
1800.0
2200.0
2700.0
3300.0
3900.0
4700.0
5600.0
6800.0
8200.0
10000.0
0.010
0.011
0.012
0.013
0.015
0.016
0.017
0.018
0.021
0.022
0.025
0.028
0.030
0.033
0.037
0.040
0.046
0.051
0.057
0.065
0.072
0.082
0.090
0.110
0.130
0.150
0.210
0.230
0.260
0.340
0.390
0.440
0.580
0.650
0.880
1.200
1.400
1.500
1.700
2.200
2.800
3.100
3.900
8.50
8.00
7.80
7.40
6.80
6.60
6.50
6.00
5.90
5.60
5.40
4.80
4.60
4.40
4.30
4.20
4.00
3.70
3.20
3.00
2.70
2.60
2.40
2.20
1.90
1.80
1.60
1.50
1.40
1.30
1.10
1.00
0.85
0.84
0.75
0.68
0.60
0.57
0.55
0.46
0.45
0.41
0.36
DCR.(W)
[at 20ûC]
(Tol.±20 %)
Test Freq.
(kHz)
10
Tolerance
(%)
±20
±10
Inductance
(µH)
Part No.
*Refer to former page
n Examples Type 18B
B 16.0 max.
20.0 max.
B 1.0
7.5±0.5
7.5±0.1
2ÐB 1.50±0.05
*IDC.
[at 20ûC]
(A)max.
5
.
[Dimensions in mm]
(not to scale)
Recommended PWB
piercing plan
Connection Schematic


Similar Part No. - ELC10D120E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC10D120E PANASONIC-ELC10D120E Datasheet
136Kb / 7P
   Choke Coils
ELC10D120E PANASONIC-ELC10D120E Datasheet
136Kb / 7P
   Choke Coils
More results

Similar Description - ELC10D120E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D470F PANASONIC-ELC-09D470F Datasheet
136Kb / 7P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
   Choke Coils
ELC-16B561L PANASONIC-ELC-16B561L Datasheet
136Kb / 7P
   Choke Coils
09D PANASONIC-09D Datasheet
259Kb / 8P
   Choke Coils
ELL4FG100MA PANASONIC-ELL4FG100MA Datasheet
151Kb / 2P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com