Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4N22ATX Datasheet(PDF) 2 Page - OPTEK Technologies

Part # 4N22ATX
Description  Hi-Reliability Optically Coupled Isolator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

4N22ATX Datasheet(HTML) 2 Page - OPTEK Technologies

  4N22ATX Datasheet HTML 1Page - OPTEK Technologies 4N22ATX Datasheet HTML 2Page - OPTEK Technologies 4N22ATX Datasheet HTML 3Page - OPTEK Technologies 4N22ATX Datasheet HTML 4Page - OPTEK Technologies 4N22ATX Datasheet HTML 5Page - OPTEK Technologies 4N22ATX Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
08/2010
Page 2 of 6
Hi-Reliability Optically Coupled Isolator
4N22, 4N23, 4N24 [A] (COTS, TX, TXV)
4N47, 4N48, 4N49 [A] (COTS, TX, TXV)
Notes:
1. Measured with input leads shorted together and output leads shorted together.
2. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
3. Derate linearly 1.0 mW/° C above 65° C.
4. Derate linearly 3.0 mW/° C above 25° C.
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
4N22, 4N22A, 4N23, 4N23A, 4N24, 4N24A (COTS, TX, TXV)
4N47, 4N47A, 4N48, 4N48A, 4N49, 4N49A (COTS, TX, TXV)
-65° C to +125° C
-55° C to +150° C
Operating Temperature Range
4N22, 4N22A, 4N23, 4N23A, 4N24, 4N24A (COTS, TX, TXV)
4N47, 4N47A, 4N48, 4N48A, 4N49, 4N49A (COTS, TX, TXV)
-65° C to +125° C
-55° C to +125° C
Input-to-Output Isolation Voltage
± 1.00 kVDC(1)
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C(2)
Input Diode
Forward DC Current (65° C or below)
40 mA
Reverse Voltage
2 V
Peak Forward Current (1 µs pulse width, 300 pps)
4N22, 4N22A, 4N23, 4N23A, 4N24, 4N24A (COTS, TX, TXV)
1 A
Power Dissipation
60 mW(3)
Output Sensor
(4N22, 4N22A, 4N23, 4N23A, 4N24, 4N24A )
Continuous Collector Current
50 mA
Collector-Emitter Voltage
35 V
Collector-Base Voltage
35 V
Emitter-Base Voltage
4 V
Power Dissipation
300 mW(4)
Output Phototransistor
(4N47, 4N47A, 4N48, 4N48A, 4N49, 4N49A )
Continuous Collector Current
50 mA
Collector-Emitter Voltage
40 V
Collector-Base Voltage
45 V
Emitter-Base Voltage
7.0 V
Power Dissipation
300 mW(4)


Similar Part No. - 4N22ATX

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4N22ATX TTELEC-4N22ATX Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
4N22ATXV TTELEC-4N22ATXV Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
More results

Similar Description - 4N22ATX

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
3C91CTX OPTEK-3C91CTX Datasheet
220Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
4N22 TTELEC-4N22 Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
   Hi-Reliability Optically Coupled Isolator
logo
OPTEK Technologies
JAN4N22 OPTEK-JAN4N22 Datasheet
216Kb / 4P
   Hi-Reliability Optically Coupled Isolator
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
   Hi-Rel Optically Coupled Isolator
logo
TT Electronics.
OPI150TX TTELEC-OPI150TX Datasheet
276Kb / 3P
   High Reliability Optically Coupled Isolator
OPI120TX TTELEC-OPI120TX Datasheet
260Kb / 3P
   High Reliability Optically Coupled Isolator
logo
OPTEK Technologies
OPI125 OPTEK-OPI125 Datasheet
199Kb / 2P
   HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com